Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 6Page - Texas Instruments CC2550-RTR1 Datasheet HTML 7Page - Texas Instruments CC2550-RTR1 Datasheet HTML 8Page - Texas Instruments CC2550-RTR1 Datasheet HTML 9Page - Texas Instruments CC2550-RTR1 Datasheet HTML 10Page - Texas Instruments CC2550-RTR1 Datasheet HTML 11Page - Texas Instruments CC2550-RTR1 Datasheet HTML 12Page - Texas Instruments CC2550-RTR1 Datasheet HTML 13Page - Texas Instruments CC2550-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 10 of 54
A simplified block diagram of
CC2550 is shown
in Figure 2.
The
CC2550 transmitter is based on direct
synthesis of the RF frequency.
The
frequency
synthesizer
includes
a
completely on-chip LC VCO.
A crystal is to be connected to XOSC_Q1 and
XOSC_Q2. The crystal oscillator generates the
reference frequency for the synthesizer, as
well as clocks for the digital part.
A 4-wire SPI serial interface is used for
configuration and data buffer access.
The digital baseband includes support for
channel configuration, packet handling and
data buffering.
7
Application Circuit
Only a few external components are required
for using the
CC2550. The recommended
application circuit is shown in Figure 3. The
external components are described in Table
12, and typical values are given in Table 13.
Bias resistor
The bias resistor R141 is used to set an
accurate bias current.
Balun and RF matching
C102, C112, L101 and L111 form a balun that
converts the differential RF signal on
CC2550
to a single-ended RF signal. C101 and C111
are needed for DC blocking. Together with an
appropriate
LC
network,
the
balun
components also transform the impedance to
match a 50
Ω antenna (or cable). Component
values for the RF balun and LC network are
easily found using the SmartRF® Studio
software. Suggested values are listed in Table
13. The balun and LC filter component values
and their placement are important to keep the
performance
optimized.
It
is
highly
recommended to follow the CC2550EM
reference design.
Crystal
The crystal oscillator uses an external crystal
with two loading capacitors (C51 and C71).
See Section 22 on page 29 for details.
Power supply decoupling
The power supply must be properly decoupled
close to the supply pins. Note that decoupling
capacitors are not shown in the application
circuit. The placement and the size of the
decoupling capacitors are very important to
achieve
the optimum performance.
The
CC2550EM reference design should be
followed closely.
Component
Description
C41
100 nF decoupling capacitor for on-chip voltage regulator to digital part
C51/C71
Crystal loading capacitors, see Section 22 on page 29 for details
C101/C111
RF balun DC blocking capacitors
C102/C112
RF balun/matching capacitors
C103/C104
RF LC filter/matching capacitors
L101/L111
RF balun/matching inductors (inexpensive multi-layer type)
L102
RF LC filter inductor (inexpensive multi-layer type)
R141
Resistor for internal bias current reference
XTAL
26-27 MHz crystal, see Section 22 on page 29 for details
Table 12: Overview of external components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com