Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 30Page - Texas Instruments CC2550-RTR1 Datasheet HTML 31Page - Texas Instruments CC2550-RTR1 Datasheet HTML 32Page - Texas Instruments CC2550-RTR1 Datasheet HTML 33Page - Texas Instruments CC2550-RTR1 Datasheet HTML 34Page - Texas Instruments CC2550-RTR1 Datasheet HTML 35Page - Texas Instruments CC2550-RTR1 Datasheet HTML 36Page - Texas Instruments CC2550-RTR1 Datasheet HTML 37Page - Texas Instruments CC2550-RTR1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 34 of 54
26.7
Low Cost Systems
As the
CC2550 provides 500 kbps multi-
channel performance without any external
filters, a very low cost system can be made.
A differential antenna will eliminate the need
for a balun, and the DC biasing can be
achieved in the antenna topology, see Figure
3.
A HC-49 type SMD crystal is used in the
CC2550EM reference design. Note that the
crystal package strongly influences the price.
In a size constrained PCB design a smaller,
but more expensive, crystal may be used.
26.8
Battery Operated Systems
In low power applications, the SLEEP state
should be used when the
CC2550 is not active.
26.9
Increasing Output Power
In some applications it may be necessary to
extend the link range by adding an external
power amplifier.
The power amplifier should be inserted
between the antenna and the balun as shown
in Figure 20.
Figure 20. Block diagram of
CC2550 usage with external power amplifier
27
Configuration Registers
The configuration of
CC2550 is done by
programming 8-bit registers. The configuration
data based on selected system parameters
are most easily found by using the SmartRF®
Studio software. Complete descriptions of the
registers are given in the following tables. After
chip reset, all the registers have default values
as shown in the tables.
There are 9 Command Strobe Registers, listed
in Table 23. Accessing these registers will
initiate the change of an internal state or
mode. There are 29 normal 8-bit Configuration
Registers, listed in Table 24. Many of these
registers are for test purposes only, and need
not be written for normal operation of
CC2550.
There are also 6 Status registers, which are
listed in Table 25. These registers, which are
read-only, contain information about the status
of
CC2550.
The TX FIFO is accessed through one 8-bit
register. Only write operations are allowed to
the TX FIFO.
During the address transfer and while writing
to a register or the TX FIFO, a status byte is
returned. This status byte is described in Table
15 on page 15.
Table 26 summarizes the SPI address space.
Registers that are only defined on the
CC2500
transceiver are also listed.
CC2500 and CC2550
are register compatible, but registers and fields
only implemented in the transceiver always
contain 0 in
CC2550.
The address to use is given by adding the
base address to the left and the burst and
read/write bits on the top. Note that the burst
bit has different meaning for base addresses
above and below 0x2F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com