Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 14Page - Texas Instruments CC2550-RTR1 Datasheet HTML 15Page - Texas Instruments CC2550-RTR1 Datasheet HTML 16Page - Texas Instruments CC2550-RTR1 Datasheet HTML 17Page - Texas Instruments CC2550-RTR1 Datasheet HTML 18Page - Texas Instruments CC2550-RTR1 Datasheet HTML 19Page - Texas Instruments CC2550-RTR1 Datasheet HTML 20Page - Texas Instruments CC2550-RTR1 Datasheet HTML 21Page - Texas Instruments CC2550-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 18 of 54
12
Data Rate Programming
The data rate used when transmitting is
programmed by the MDMCFG3.DRATE_M and
the
MDMCFG4.DRATE_E
configuration
registers. The data rate is given by the formula
below. As the formula shows, the programmed
data rate depends on the crystal frequency.
()
XOSC
E
DRATE
DATA
f
M
DRATE
R
⋅
⋅
+
=
28
_
2
2
_
256
The following approach can be used to find
suitable values for a given data rate:
256
2
2
_
2
log
_
_
28
20
2
−
⋅
⋅
=
⎥
⎥
⎦
⎥
⎢
⎢
⎣
⎢
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
=
E
DRATE
XOSC
DATA
XOSC
DATA
f
R
M
DRATE
f
R
E
DRATE
If DRATE_M is rounded to the nearest integer
and becomes 256, increment DRATE_E and
use DRATE_M=0.
The data rate can programmed from 1.2 kbps
to 500 kbps with a minimum step size of:
Data rate
start
[kbps]
Typical
data rate
[kbps]
Data rate
stop [kbps]
Data rate
step size
[kbps]
0.8
1.2/2.4
3.17
0.0062
3.17
4.8
6.35
0.0124
6.35
9.6
12.7
0.0248
12.7
19.6
25.4
0.0496
25.4
38.4
50.8
0.0992
50.8
76.8
101.6
0.1984
101.6
153.6
203.1
0.3967
203.1
250
406.3
0.7935
406.3
500
500
1.5869
Table 16: Data rate step size
13
Packet Handling Hardware Support
The
CC2550 has built-in hardware support for
packet oriented radio protocols.
In transmit mode, the packet handler will add
the following elements to the packet stored in
the TX FIFO:
•
A programmable number of preamble
bytes.
•
A two byte synchronization (sync) word.
Can be duplicated to give a 4-byte sync
word.
•
Optionally whiten the data with a PN9
sequence.
•
Optionally Interleave and Forward Error
Code the data.
•
Optionally compute and add a CRC
checksum over the data field.
In a system where
CC2550 is used as the
transmitter and
CC2500 as the receiver the
recommended setting is 4-byte preamble and
4-byte sync word except for 500 kbps data rate
where the recommended preamble length is 8
bytes.
13.1
Data whitening
From a radio perspective, the ideal over the air
data are random and DC free. This results in
the smoothest power distribution over the
occupied bandwidth. This also gives the
regulation loops in the receiver uniform
operation conditions (no data dependencies).
Real world data often contain long sequences
of zeros and ones. Performance can then be
improved by whitening the data before
transmitting, and de-whitening in the receiver.
With
CC2550, in combination with a CC2500 at
the
receiver
end,
this
can
be
done
automatically
by
setting
PKTCTRL0
.WHITE_DATA=1.
All
data,
except
the
preamble and the sync word, are then XOR-ed
with a 9-bit pseudo-random (PN9) sequence
before being transmitted as shown in Figure 9.
At the receiver end, the data are XOR-ed with
the same pseudo-random sequence. This way,
the whitening is reversed, and the original data
appear in the receiver.
Data whitening can only be used when
PKTCTRL0.CC2400_EN
= 0 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com