Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC2550-RTR1 Datasheet HTML 1Page - Texas Instruments CC2550-RTR1 Datasheet HTML 2Page - Texas Instruments CC2550-RTR1 Datasheet HTML 3Page - Texas Instruments CC2550-RTR1 Datasheet HTML 4Page - Texas Instruments CC2550-RTR1 Datasheet HTML 5Page - Texas Instruments CC2550-RTR1 Datasheet HTML 6Page - Texas Instruments CC2550-RTR1 Datasheet HTML 7Page - Texas Instruments CC2550-RTR1 Datasheet HTML 8Page - Texas Instruments CC2550-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 1 of 54
CC2550
Single Chip Low Cost Low Power RF Transmitter
Applications
• 2400-2483.5 MHz ISM/SRD band systems
• Consumer Electronics
• Wireless game controllers
• Wireless audio
Product Description
The
CC2550 is a low cost true single chip 2.4
GHz transmitter designed for very low power
wireless applications. The circuit is intended
for the ISM (Industrial, Scientific and Medical)
and SRD (Short Range Device) frequency
band at 2400-2483.5 MHz.
The RF transmitter is integrated with a highly
configurable baseband modulator which has a
configurable data rate up to 500 kbps.
Performance can be increased by enabling a
Forward Error Correction option, which is
integrated in the modulator.
The
CC2550 provides extensive hardware
support for packet handling, data buffering and
burst transmissions.
The main operating parameters and the 64-
byte transmit FIFO of
CC2550 can be controlled
via an SPI interface. In a typical system, the
CC2550 will be used together with a micro-
controller and a few passive components.
CC2550 is part of Chipcon’s 4th generation
technology platform based on 0.18
µm CMOS
technology.
This data sheet contains preliminary data, and supplementary data will be published at a later
date. Chipcon reserves the right to make changes at any time without notice in order to improve
design and supply the best possible product. The product is not fully qualified at this point.
Key Features
•
Small size (QLP 4x4 mm package, 16
pins)
•
True single chip 2.4 GHz RF transmitter
•
Frequency range: 2400-2483.5 MHz
•
Programmable data rate up to 500 kbps
•
Low current consumption
•
Programmable output power up to +1 dBm
•
Very few external components: Totally on-
chip frequency synthesizer, no external
filters needed
•
Programmable baseband modulator
•
Ideal for multi-channel operation
•
Configurable packet handling hardware
•
Suitable for frequency hopping systems
due to a fast settling frequency synthesizer
•
Optional Forward Error Correction with
interleaving
•
64-byte TX data FIFO
•
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-
T66 (Japan)
•
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
•
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
•
Integrated analog temperature sensor
•
Lead-free “green“ package
•
Flexible support
for packet oriented
systems: On chip support for sync word
insertion,
flexible
packet
length and
automatic CRC handling
•
OOK supported
•
FSK, GFSK and MSK supported.
•
Optional automatic whitening of data
•
Support for asynchronous transparent
transmit mode for backwards compatibility
with
existing
radio
communication
protocols


Similar Part No. - CC2550-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550-RTY1 TI2-CC2550-RTY1 Datasheet
834Kb / 62P
Low-Cost Low-Power 2.4 GHz RF Transmitter
23-May-2025
More results

Similar Description - CC2550-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com