Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 29 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 25Page - Texas Instruments CC2550-RTR1 Datasheet HTML 26Page - Texas Instruments CC2550-RTR1 Datasheet HTML 27Page - Texas Instruments CC2550-RTR1 Datasheet HTML 28Page - Texas Instruments CC2550-RTR1 Datasheet HTML 29Page - Texas Instruments CC2550-RTR1 Datasheet HTML 30Page - Texas Instruments CC2550-RTR1 Datasheet HTML 31Page - Texas Instruments CC2550-RTR1 Datasheet HTML 32Page - Texas Instruments CC2550-RTR1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 29 of 54
Output power, typical,
+25
oC, 3.0 V [dBm]
PATABLE
value
Current consumption,
typical [mA]
(–55 or less)
0x00
8.0
–30
0x44
9.3
–28
0x41
9.2
–26
0x43
9.7
–24
0x84
9.8
–22
0x82
9.7
–20
0x47
10.0
–18
0xC8
11.6
–16
0x85
10.2
–14
0x59
11.6
–12
0xC6
11.2
–10
0x97
12.0
–8
0xD6
12.9
–6
0x7F
14.7
–4
0xA9
16.2
–2
0xBF
18.1
0
0xEE
19.4
1
0xFF
21.3
Table 20: Optimum PATABLE settings for various output power levels
22
Crystal Oscillator
A crystal in the frequency range 26-27 MHz
must be connected between the XOSC_Q1
and XOSC_Q2 pins. The oscillator is designed
for parallel mode operation of the crystal. In
addition, loading capacitors (C51 and C71) for
the crystal are required. The loading capacitor
values depend on the total load capacitance,
CL, specified for the crystal. The total load
capacitance
seen
between
the
crystal
terminals should equal CL for the crystal to
oscillate at the specified frequency.
parasitic
L
C
C
C
C
+
+
=
71
51
1
1
1
The parasitic capacitance is constituted by pin
input capacitance and PCB stray capacitance.
Total parasitic capacitance is typically 2.5 pF.
The crystal oscillator circuit is shown in Figure
19. Typical component values for different
values of CL are given in Table 21.
The crystal oscillator is amplitude regulated.
This means that a high current is used to start
up the oscillations. When the amplitude builds
up, the current is reduced to what is necessary
to maintain approximately 0.4 Vpp signal
swing. This ensures a fast start-up, and keeps
the drive level to a minimum. The ESR of the
crystal should be within the specification in
order to ensure a reliable start-up (see Section
4.3 on page 6).
XOSC_Q1
XOSC_Q2
XTAL
C51
C71
Figure 19: Crystal oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com