Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 7Page - Texas Instruments CC2550-RTR1 Datasheet HTML 8Page - Texas Instruments CC2550-RTR1 Datasheet HTML 9Page - Texas Instruments CC2550-RTR1 Datasheet HTML 10Page - Texas Instruments CC2550-RTR1 Datasheet HTML 11Page - Texas Instruments CC2550-RTR1 Datasheet HTML 12Page - Texas Instruments CC2550-RTR1 Datasheet HTML 13Page - Texas Instruments CC2550-RTR1 Datasheet HTML 14Page - Texas Instruments CC2550-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 11 of 54
Antenna
(50 Ohm)
1.8V-3.6V power supply
1 SCLK
2 SO (GDO1)
3 DVDD
4
AVDD 12
RF_N 11
RF_P 10
CSn 9
XTAL
C102
C112
L111
L101
L102
C103
C104
R141
C51
C71
C41
CSn
GDO0
(optional)
SO
(GDO1)
SCLK
SI
CC2550
DIE ATTACH PAD:
C111
C101
DCOUPL
Alternative:
Folded dipole PCB
antenna (no external
components needed)
Figure 3: Typical application and evaluation circuit (excluding supply decoupling capacitors)
Component
Value
Manufacturer
C41
100 nF±10%, 0402 X5R
Murata GRM15 series
C51
27 pF±5%, 0402 NP0
Murata GRM15 series
C71
27 pF±5%, 0402 NP0
Murata GRM15 series
C101
100 pF±5%, 0402 NP0
Murata GRM15 series
C102
1.0 pF±0.25pF, 0402 NP0
Murata GRM15 series
C103
1.8 pF±0.25pF, 0402 NP0
Murata GRM15 series
C104
1.5 pF±0.25pF, 0402 NP0
Murata GRM15 series
C111
100 pF±5%, 0402 NP0
Murata GRM15 series
C112
1.0 pF±0.25pF, 0402 NP0
Murata GRM15 series
L101
1.2 nH±0.3nH, 0402 monolithic
Murata LQG15 series
L102
1.2 nH±0.3nH, 0402 monolithic
Murata LQG15 series
L111
1.2 nH±0.3nH, 0402 monolithic
Murata LQG15 series
R141
56 kΩ±1%, 0402
Koa RK73 series
XTAL
26.0 MHz surface mount crystal
NDK, AT-41CD2
Table 13: Bill of Materials for the application circuit
In the CC2550EM reference design, LQG15
series inductors from Murata have been used.
Measurements have been performed with
multi-layer inductors from other manufacturers
(e.g. Würth) and the measurement results
were the same as when using the Murata part.
The Gerber files for the CC2550EM reference
design are available from the TI and Chipcon
websites.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com