Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 30Page - NXP Semiconductors UJA1069 Datasheet HTML 31Page - NXP Semiconductors UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors UJA1069 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
34 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
In case of an RXDL / TXDL interfacing failure the LIN transmitter is disabled without setting LTC. Recovery from such a failure is
automatic when LIN communication (with correct interfacing levels) is received. Manual recovery is also possible by setting and clearing
the LTC bit under software control.
6.12.10 Special Mode register and Special Mode Feedback register
These registers allow configuration of global SBC parameters during start-up of a system
and allow the settings to be read back.
12
RO
Read Only
1
read the register selected by RRS without writing to the
Physical Layer Control register
0
read the register selected by RRS and write to Physical
Layer Control register
11 to 5
-
reserved
000 0000 reserved for SBCs with CAN transceiver
4
LMC
LIN Mode Control
1
LIN Active mode (in Normal mode and Flash mode only)
0
LIN Active mode disabled
3
LSC
LIN Slope Control
1
up to 10.4 kbit/s (low slope)
0
up to 20 kbit/s (normal)
2
LDC
LIN Driver Control
1
increased LIN driver current capability
0
LIN driver in conformance with the LIN 2.0 standard
1
LWEN
LIN Wake-up Enable
1
wake-up via the LIN-bus enabled
0
wake-up via the LIN-bus disabled
0
LTC
LIN Transmitter
Control[1]
1
LIN transmitter is disabled
0
LIN transmitter is enabled
Table 11.
Physical Layer Control and Physical Layer Control Feedback register bit description …continued
Bit
Symbol
Description
Value
Function
Table 12.
Special Mode register and Special Mode Feedback register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
01
select Special Mode register
13
RRS
Read Register Select
0
read the Interrupt Enable Feedback register
1
read the Special Mode Feedback register
12
RO
Read Only
1
read the register selected by RRS without writing to the
Special Mode register
0
read the register selected by RRS and write to the
Special Mode register
11 and 10
-
reserved
0
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit
9
ISDM
Initialize Software
Development Mode[1]
1
initialization of software development mode
0
normal watchdog interrupt, reset monitoring and fail-safe
behavior
8
-
reserved
0
reserved for SBCs with CAN transceiver
7
-
reserved
0
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit
6 and 5
WDPRE [1:0]
Watchdog Prescaler
00
watchdog prescale factor 1
01
watchdog prescale factor 1.5
10
watchdog prescale factor 2.5
11
watchdog prescale factor 3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com