Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
14 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.4.3 Watchdog time-out behavior
Whenever the SBC operates in Standby mode, in Sleep mode or in Flash mode, the active
watchdog operates in Time-out mode. The watchdog has to be triggered within the actual
programmed period time; see Figure 6. The Time-out mode can be used to provide cyclic
wake-up events to the host microcontroller from Standby mode and Sleep mode.
In Standby and in Flash mode the nominal periods can be changed with any SPI access
to the Mode register.
Any illegal watchdog trigger code results in an immediate system reset, entering Start-up
mode.
6.4.4 Watchdog OFF behavior
In Standby mode and Sleep mode it is possible to switch off the watchdog entirely. For
fail-safe reasons this is only possible if the microcontroller has stopped program
execution. To ensure that there is no program execution, the V1 supply current is
monitored by the SBC while the watchdog is switched off.
When selecting the watchdog OFF code, the watchdog remains active until the
microcontroller supply current has dropped below the current monitoring threshold IthL(V1).
After the supply current has dropped below the threshold, the watchdog stops at the end
of the watchdog period. In case the supply current does not drop below the monitoring
threshold, the watchdog stays active.
If the microcontroller supply current increases above IthH(V1) while the watchdog is OFF,
the watchdog is restarted with the last used watchdog period time and a watchdog restart
interrupt is forced, if enabled.
In case of a direct mode change towards Standby mode with watchdog OFF selected, the
longest possible watchdog period is used. It should be noted that in Sleep mode V1
current monitoring is not active.
Fig 6.
Watchdog triggering using Time-out mode
mce627
trigger
via SPI
earliest
possible
trigger
point
latest
possible
trigger
point
trigger restarts period
(with different duration if
desired)
new period
trigger range
trigger range
time-out
time-out
period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com