Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 38Page - NXP Semiconductors UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors UJA1069 Datasheet HTML 42Page - NXP Semiconductors UJA1069 Datasheet HTML 43Page - NXP Semiconductors UJA1069 Datasheet HTML 44Page - NXP Semiconductors UJA1069 Datasheet HTML 45Page - NXP Semiconductors UJA1069 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
42 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
9.
Static characteristics
Table 25.
Static characteristics
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply; pin BAT42
IBAT42
BAT42 supply
current
V1 and V3 off; LIN in Off-line
mode; OTIE = BATFIE = 0;
ISYSINH = IWAKE = IRTLIN =
ILIN = 0 mA
VBAT42 = 8.1 V to 52 V
-
50
70
µA
VBAT42 = 5.5 V to 8.1 V
-
70
93
µA
IBAT42(add)
additional BAT42
supply current
V1 on; ISYSINH = 0 mA
-
53
76
µA
V3 in Cyclic mode; IV3 =0mA
-
0
1
µA
V3 continuously on;
IV3 =0mA
-30
50
µA
Tvj warning enabled; OTIE = 1
-
20
40
µA
SENSE enabled; BATFIE = 1
-
2
7
µA
LIN in Active mode;
LMC=1;VTXDL =VV1;
IRTLIN =ILIN =0mA
-
650
1300
µA
LIN in Active mode; LMC = 1;
VTXDL = 0 V (t < tLIN(dom)(det));
IRTLIN =ILIN =0mA
VBAT42 = 12 V
-
1.5
5
mA
VBAT42 = 27 V
-
3
10
mA
VPOR(BAT42)
BAT42 voltage level
for power-on reset
status bit change
for setting PWONS
PWONS = 0; VBAT42 falling
4.45
-
5
V
for clearing PWONS
PWONS = 1; VBAT42 rising
4.75
-
5.5
V
Supply; pin BAT14
IBAT14
BAT14 supply
current
V1 off; LIN in Off-line mode;
ILEN = 0; IINH/LIMP =0mA
-2
5
µA
IBAT14(add)additional BAT14 supply current V1 on; IV1 = 0 mA
-
200
300
µA
V1 on; IV1 = 0 mA;
VBAT14 =12V
-
150
200
µA
INH/LIMP enabled; ILEN = 1;
IINH/LIMP = 0 mA
-1
2
µA
VBAT14
BAT14 voltage level
for normal output current
capability at V1
9
-
27
V
for high output current
capability at V1
6-
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com