Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors UJA1069 Datasheet HTML 38Page - NXP Semiconductors UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors UJA1069 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
38 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.13 Test modes
6.13.1 Software development mode
The Software development mode is intended to support software developers in writing
and pretesting application software without having to work around watchdog triggering
and without unwanted jumps to Fail-safe mode.
In Software development mode the following events do not force a system reset:
• Watchdog overflow in Normal mode
• Watchdog window miss
• Interrupt time-out
• Elapsed start-up time
However, in case of a watchdog trigger failure the reset source information is still provided
in the System Status register as if there was a real reset event.
The exclusion of watchdog related resets allows simplified software testing, because
possible problems in the watchdog triggering can be indicated by interrupts instead of
resets. The SDM bit does not affect the watchdog behavior in Standby and Sleep mode.
This allows the cyclic wake-up behavior to be evaluated during Standby and Sleep mode
of the SBC.
All transitions to Fail-safe mode are disabled. This allows working with an external
emulator that clamps the reset line LOW in debugging mode. A V1 undervoltage of more
than tV1(CLT) is the only exception that results in entering Fail-safe mode (to protect the
SBC). Transitions from Start-up mode to Restart mode are still possible.
There are two possibilities to enter Software development mode. One is by setting the
ISDM bit via the Special Mode register; possible only once after a first battery connection
while the SBC is in Start-up mode. The second possibility to enter Software development
mode is by applying the correct Vth(TEST) input voltage at pin TEST before the battery is
applied to pin BAT42.
To stay in Software development mode the SDM bit in the Mode register has to be set with
each Mode register access (i.e. watchdog triggering) regardless of how Software
development mode was entered.
The Software development mode can be exited at any time by clearing the SDM bit in the
Mode register. Reentering the Software development mode is only possible by
reconnecting the battery supply (pin BAT42), thereby forcing a new power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com