Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
20 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.7.3 Termination control
The RTLIN pin is in one of 3 different states: RTLIN = on, RTLIN = off or RTLIN = 75
µA;
see Figure 11.
During Active mode, with no short-circuit between the LIN-bus and GND, pin RTLIN
provides an internal switch to BAT42. For master and slave operation an external resistor,
1k
Ω or 30 kΩ respectively, can be applied between pins RTLIN and LIN. An external
diode in series with the termination resistor is not required due to the incorporated internal
diode.
6.7.4 LIN slope control
The LSC bit in the Physical Layer Control register offers a choice between two LIN slope
times, allowing communication up to 20 kbit/s (normal) or up to 10.4 kbit/s (low slope).
Fig 10. LIN wake-up timing diagram
001aad447
tBUS(LIN)
LIN
wake-up
Fig 11. States of the RTLIN pin
001aad183
RTLIN = OFF
power-on
RTLIN = ON
supplied directly
out of BAT42
RTLIN = 75
µA
supplied directly
out of BAT42
Off-line mode
AND receiver dominant
> tLIN(dom)(det)
Off-line mode
AND receiver recessive
> tLIN(dom)(rec)
Active mode and receiver recessive
> tLIN(dom)(rec)
OR mode change to Active mode
Active mode and receiver dominant
> tLIN(dom)(det)
OR Off-line mode
mode change to Active mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com