Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
9 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.2.1 Start-up mode
Start-up mode is the ‘home page’ of the SBC. This mode is entered when battery and
ground are connected for the first time. Start-up mode is also entered after any event that
results in a system reset. The reset source information is provided by the SBC to support
different software initialization cycles that depend on the reset event.
It is also possible to enter Start-up mode via a wake-up from Standby mode, Sleep mode
or Fail-safe mode. Such a wake-up can originate either from the LIN-bus or from the local
WAKE pin.
On entering Start-up mode a lengthened reset time tRSTNL is observed. This reset time is
either user-defined (via the RLC bit in the System Configuration register) or defaults to the
value as given in Section 6.12.12. During the reset lengthening time pin RSTN is held
LOW by the SBC.
When the reset time is completed (pin RSTN is released and goes HIGH) the watchdog
timer will wait for initialization. If the watchdog initialization is successful, the selected
operating mode (Normal mode or Flash mode) will be entered. Otherwise the Restart
mode will be entered.
6.2.2 Restart mode
The purpose of the Restart mode is to give the application a second chance to start up,
should the first attempt from Start-up mode fail. Entering Restart mode will always set the
reset lengthening time tRSTNL to the higher value to guarantee the maximum reset length,
regardless of previous events.
If start-up from Restart mode is successful (the previous problems do not reoccur and
watchdog initialization is successful), then the selected operating mode will be entered.
From Restart mode this must be Normal mode. If problems persist or if V1 fails to start up,
then Fail-safe mode will be entered.
6.2.3 Fail-safe mode
Severe fault situations will cause the SBC to enter Fail-safe mode. Fail-safe mode is also
entered if start-up from Restart mode fails. Fail-safe mode offers the lowest possible
system power consumption from the SBC and from the external components controlled by
the SBC.
A wake-up (via the LIN-bus or the WAKE pin) is needed to leave Fail-safe mode. This is
only possible if the on-chip oscillator is running correctly. The SBC restarts from Fail-safe
mode with a defined delay tret, to guarantee a discharged V1 before entering Start-up
mode. Regulator V1 will restart and the reset lengthening time tRSTNL is set to the higher
value; see Section 6.5.1.
6.2.4 Normal mode
Normal mode gives access to all SBC system resources, including LIN, INH/LIMP and
EN. Therefore in Normal mode the SBC watchdog runs in (programmable) Window mode,
for strictest software supervision. Whenever the watchdog is not properly served a system
reset is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com