Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
15 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.5 System reset
The reset function of the UJA1069 offers two signals to deal with reset events:
• RSTN; the global ECU system reset
• EN; a fail-safe global enable signal
6.5.1 RSTN pin
The system reset pin (RSTN) is a bidirectional input / output. Pin RSTN is active LOW with
selectable pulse length upon the following events; see Figure 4:
• Power-on (first battery connection) or VBAT42 below power-on reset threshold voltage
• Low V1 supply
• V1 current above threshold during Standby mode while watchdog OFF behavior is
selected
• V3 is down due to short-circuit condition during Sleep mode
• RSTN externally forced LOW, falling edge event
• Successful preparation for Flash mode completed
• Successful exit from Flash mode
• Wake-up from Standby mode via pins LIN or WAKE if programmed accordingly, or any
wake-up event from Sleep mode
• Wake-up event from Fail-safe mode
• Watchdog trigger failures (too early, overflow, wrong code)
• Illegal mode code via SPI applied
• Interrupt not served within tRSTN(INT)
All of these reset events have a dedicated reset source in the System Status register to
allow distinction between the different events.
The SBC will lengthen any reset event to 1 ms or 20 ms to ensure that external hardware
is properly reset. After the first battery connection, a short power-on reset of 1 ms is
provided after voltage V1 is present. Once started, the microcontroller can set the Reset
Length Control (RLC) bit within the System Configuration Register; this allows the reset
pulse to be adjusted for future reset events. With this bit set, all reset events are
lengthened to 20 ms. Due to fail-safe behavior, this bit will be set automatically (to 20 ms)
in Restart mode or Fail-safe mode. With this mechanism it is guaranteed that an
erroneously shortened reset pulse will restart any microcontroller, at least within the
second trial by using the long reset pulse.
The behavior of pin RSTN is illustrated in Figure 7. The duration of tRSTNL depends on the
setting of the RLC bit (defines the reset length). Once an external reset event is detected
the system controller enters the Start-up mode. The watchdog now starts to monitor pin
RSTN as illustrated in Figure 8. If the RSTN pin is not released in time then Fail-safe
mode is entered as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com