Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors UJA1069 Datasheet HTML 25Page - NXP Semiconductors UJA1069 Datasheet HTML 26Page - NXP Semiconductors UJA1069 Datasheet HTML 27Page - NXP Semiconductors UJA1069 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
24 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12 SPI interface
The Serial Peripheral Interface (SPI) provides the communication link with the
microcontroller, supporting multi-slave and multi-master operation. The SPI is configured
for full duplex data transfer, so status information is returned when new control data is
shifted in. The interface also offers a read-only access option, allowing registers to be
read back by the application without changing the register content.
The SPI uses four interface signals for synchronization and data transfer:
• SCS - SPI chip select; active LOW
• SCK - SPI clock; default level is LOW due to low-power concept
• SDI - SPI data input
• SDO - SPI data output; floating when pin SCS is HIGH
Bit sampling is performed on the falling clock edge and data is shifted on the rising clock
edge; see Figure 14.
To protect against wrong or illegal SPI instructions, the SBC detects the following SPI
failures:
• SPI clock count failure (wrong number of clock cycles during one SPI access): only
16 clock periods are allowed within one SCS cycle. Any deviation from the 16 clock
cycles results in an SPI failure interrupt, if enabled. The access is ignored by the SBC.
In Start-up and Restart mode a reset is forced instead of an interrupt
• Forbidden mode changes according to Figure 4 result in an immediate system reset
• Illegal Mode register code. Undefined operating mode or watchdog period coding
results in an immediate system reset; see Section 6.12.3
Fig 14. SPI timing protocol
SCS
SCK
01
sampled
floating
floating
mce634
X
X
MSB
14
13
12
01
LSB
MSB
14
13
12
01
LSB
X
SDI
SDO
02
03
04
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com