Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
19 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.7.1.1
Active mode
In Active mode the LIN transceiver can transmit data to and receive data from the LIN bus.
To enter Active mode the LMC bit must be set in the Physical Layer register and the SBC
must be in Normal mode or Flash mode.
The LTC bit can be used to set the LIN transceiver to a Listen-only mode. The transmitter
output stage is disabled in this mode.
When leaving Active mode the LIN transmitter is disabled and the LIN receiver is
monitoring the LIN-bus for a valid wake-up.
6.7.1.2
Off-line mode
Off-line mode is the low-power mode of the LIN transceiver. The LIN transceiver is
disabled to save supply current. Pin RXDL reflects any wake-up event at the LIN-bus.
6.7.2 LIN wake-up
For a remote wake-up via LIN a LIN-bus signal is required as shown in Figure 10.
Fig 9.
States LIN transceiver
001aad184
power-on
Active mode
transmitter: ON/OFF (LTC)
receiver: ON
RXDL: bitstream
RTLIN: ON/75
µA
Off-line mode
transmitter: OFF
receiver: wake-up
RXDL: wake-up status
RTLIN: 75
µA/OFF
SBC enters
Stand-by, Start-up,
Restart or Fail-safe mode
OR LMC = 0
SBC enters
Normal or Flash mode
AND LMC = 1
SBC enters
Fail-safe mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com