Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
12 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
operating mode codes 111, 001 and 111 respectively. As a result of this sequence, the
SBC will enter Start-up mode and perform a system reset with the related reset source
information (bits RSS[3:0] = 0110).
From Start-up mode the application software now has to enter Flash mode within tWD(init)
by writing Operating Mode code 011 to the Mode register. This feeds back a successfully
received hardware reset (handshake between the SBC and the microcontroller). The
transition from Start-up mode to Flash mode is possible only once after completing the
Flash entry sequence.
The application can also decide not to enter Flash mode but to return to Normal mode by
using the Operating Mode code 101 for handshaking. This erases the Flash mode entry
sequence.
The watchdog behavior in Flash mode is similar to its time-out behavior in Standby mode,
but Operating Mode code 111 must be used for serving the watchdog. If this code is not
used or if the watchdog overflows, the SBC immediately forces a reset and enters Start-up
mode. Flash mode is properly exited using the Operating Mode code 110 (leave Flash
mode), which results in a system reset with the corresponding reset source information.
Other Mode register codes will cause a forced reset with reset source code ‘illegal Mode
register code’.
6.3 On-chip oscillator
The on-chip oscillator provides the clock signal for all digital functions and is the timing
reference for the on-chip watchdog and the internal timers.
If the on-chip oscillator frequency is too low or the oscillator is not running at all, there is
an immediate transition to Fail-safe mode. The SBC will stay in Fail-safe mode until the
oscillator has recovered to its normal frequency and the system receives a wake-up event.
6.4 Watchdog
The watchdog provides the following timing functions:
• Start-up mode; needed to give the software the opportunity to initialize the system
• Window mode; detects too early and too late accesses in Normal mode
• Time-out mode; detects a too late access, can also be used to restart or interrupt the
microcontroller from time to time (cyclic wake-up function)
• OFF mode; fail-safe shut-down during operation thus preventing any blind spots in the
system supervision
The watchdog is clocked directly by the on-chip oscillator.
To guarantee fail-safe control of the watchdog via the SPI, all watchdog accesses are
coded with redundant bits. Therefore, only certain codes are allowed for a proper
watchdog service.
The following corrupted watchdog accesses result in an immediate system reset:
• Illegal watchdog period coding; only ten different codes are valid
• Illegal operating mode coding; only six different codes are valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com