Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 42Page - NXP Semiconductors UJA1069 Datasheet HTML 43Page - NXP Semiconductors UJA1069 Datasheet HTML 44Page - NXP Semiconductors UJA1069 Datasheet HTML 45Page - NXP Semiconductors UJA1069 Datasheet HTML 46Page - NXP Semiconductors UJA1069 Datasheet HTML 47Page - NXP Semiconductors UJA1069 Datasheet HTML 48Page - NXP Semiconductors UJA1069 Datasheet HTML 49Page - NXP Semiconductors UJA1069 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
46 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
LIN-bus line; pin LIN
Vo(dom)
LIN dominant output
voltage
Active mode;
VBAT42 =7Vto18V;
LDC = 0; t < tTXDL(dom)(dis);
VTXDL =0V;
RBAT42-LIN = 500 Ω
0
-
0.20
×
VBAT42
V
Active mode;
VBAT42 =7.6 Vto18V;
LDC = 1; t < tTXDL(dom)(dis);
VTXDL =0V; ILIN =40mA
0.7
1.4
2.1
V
ILIH
HIGH-level input
leakage current
VLIN =VBAT42; VTXDL =VV1
−10
0
+10
µA
VBAT42 =8V;
VLIN =8Vto18V;
VTXDL =VV1
−10
0
+10
µA
ILIL
LOW-level input
leakage current
VBAT42 = 12 V; VLIN =0V;
VTXDL =VV1
−100
-
-
µA
Io(sc)
short-circuit output
current
Active mode;
VLIN =VBAT42 =12V;
VTXDL =0V; t<tTXDL(dom)(dis);
LDC=0
27
40
60
mA
Active mode;
VLIN =VBAT42 =18V;
VTXDL =0V; t<tTXDL(dom)(dis);
LDC=0
40
60
90
mA
Vth(dom)
receiver dominant
state
VBAT42 = 7 V to 27 V
-
-
0.4
×
VBAT42
V
Vth(reces)
receiver recessive
state
VBAT42 = 7 V to 27 V
0.6
×
VBAT42
--V
Vth(hyst)
receiver threshold
voltage hysteresis
VBAT42 = 7 V to 27 V
0.05
×
VBAT42
-
0.175
×
VBAT42
V
Vth(cen)
receiver threshold
voltage center
VBAT42 = 7 V to 27 V
0.475
×
VBAT42
0.500
×
VBAT42
0.525
×
VBAT42
V
Ci
input capacitance
[3] --10
pF
IL
leakage current
VLIN =0Vto18V
VBAT42 =0V
−50
+5
µA
VGND =VBAT42 =12V
−10
0
+10
µA
LIN-bus termination resistor connection; pin RTLIN
VRTLIN
RTLIN output
voltage
Active mode; IRTLIN = −10 µA;
VBAT42 = 7 V to 27 V
VBAT42 −
1.0
VBAT42 −
0.7
VBAT42 −
0.2
V
Off-line mode;
IRTLIN = −10 µA;
VBAT42 =7Vto27V
VBAT42 −
1.2
VBAT42 −
1.0
-V
∆V
RTLIN
RTLIN load
regulation
Active mode;
IRTLIN = −10 µAto −10 mA;
VBAT42 = 7 V to 27 V
-
0.65
2
V
Table 25.
Static characteristics …continued
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com