Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 5Page - STMicroelectronics ST7538Q Datasheet HTML 6Page - STMicroelectronics ST7538Q Datasheet HTML 7Page - STMicroelectronics ST7538Q Datasheet HTML 8Page - STMicroelectronics ST7538Q Datasheet HTML 9Page - STMicroelectronics ST7538Q Datasheet HTML 10Page - STMicroelectronics ST7538Q Datasheet HTML 11Page - STMicroelectronics ST7538Q Datasheet HTML 12Page - STMicroelectronics ST7538Q Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ST7538Q
Electrical characteristics
9/44
3.2
Thermal data
4
Electrical characteristics
Table 3. Thermal data
Symbol
Parameter
TQFP44
with slug
Unit
RthJA1
Maximum Thermal Resistance Junction-Ambient
Steady state (1)
1.
Mounted on Multilayer PCB with a dissipating surface on the bottom side of the PCB
35
° C/W
RthJA2
Maximum Thermal Resistance Junction-Ambient
Steady state (2)
2.
It's the same condition of the point above, without any heatsinking surface on the board.
50
° C/W
Table 4. Electrical characteristics
(AVdd = DVdd = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V, -40°C
≤TA ≤ 85°C, TJ < 125 °C, fc = 86kHz,
other control register parameters as default value, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
AVdd, DVdd
Supply voltages
4.75
5
5.25
V
PAVdd - DVdd
PAVCC and DVdd Relation
during Power-Up
Sequence
DVdd < 4.75V with 5V
Digital supply provided
externally
0.1
1.2
V
PAVCC - AVdd
PAVCC and AVdd Relation
during Power-Up
Sequence
AVdd < 4.75V
0.1
1.2
V
PAVcc
Power Supply Voltage
7.5
12.5
V
Max allowed slope during
Power-Up
100
V/ms
AIdd + DIdd
Input Supply Current
Transmission &
Receiving mode
57
mA
I PAVCC
Powered Analog Supply
Current
TX mode (no load)
30
50
mArms
RX mode
500
1000
µA
Maximum total current
370
mArms
UVLO
Input Under Voltage Lock
Out
Threshold on PAVcc
3.7
3.9
4.1
V
UVLOHYS
UVLO Hysteresis
340
mV
Digital I/O
Rdown
Pull Down Resistor
100
k
Ω
Rup
Pull up Resistor
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com