Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics ST7538Q Datasheet HTML 35Page - STMicroelectronics ST7538Q Datasheet HTML 36Page - STMicroelectronics ST7538Q Datasheet HTML 37Page - STMicroelectronics ST7538Q Datasheet HTML 38Page - STMicroelectronics ST7538Q Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ST7538Q
Functional description
35/44
5.11
Detection method and Rx Sensitivity in UART mode
When ST7538Q is running in UART mode (by forcing UART/SPI pin to “1”) the Control
Register Function “Detection method” differs from SPI mode as indicated in the Table 12:
UART mode provides also a third level of Receiving sensitivity in addition to two levels select
able by Control Register (see Table 11). By setting to “1” the TxD pin during a receiving
session the sensitivity is forced to BU threshold (this condition suppresses the Control
Register setting).
Table 12. Control register functions in UART mode
Function
Value
Selection
Note
Default
Bit 13
Bit 12
12 to
13
Detection
Method
Not Allowed
0
0
This configuration
should be avoided
because it could cause
an unpredictable
behavior of the device
Carrier
detection
without
conditioning
Not Allowed
0
1
This configuration
should be avoided
because it could cause
an unpredictable
behavior of the device
Carrier detection
without
conditioning
10
Carrier Detection
Notification on CD_PD
Line
CLR/T and RxD signal
always Present
Carrier detection
with conditioning
11
Carrier Detection
Notification on CD_PD
Line
CLR/T Line is forced to
“0” and RxD Line is
forced to “0” or “1”
(according the
UART/SPI pin level)
when Carrier is not
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com