Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 10Page - STMicroelectronics ST7538Q Datasheet HTML 11Page - STMicroelectronics ST7538Q Datasheet HTML 12Page - STMicroelectronics ST7538Q Datasheet HTML 13Page - STMicroelectronics ST7538Q Datasheet HTML 14Page - STMicroelectronics ST7538Q Datasheet HTML 15Page - STMicroelectronics ST7538Q Datasheet HTML 16Page - STMicroelectronics ST7538Q Datasheet HTML 17Page - STMicroelectronics ST7538Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Electrical characteristics
ST7538Q
14/44
TB
Baud rate Bit Time
(=1/BAUD)
Control Register
bit 3 and bit 4
see Table 11
1667
833
417
208
µs
Zero crossing detection
ZCDEL
Zero Crossing Detection
delay (delay between the
ZCIN and ZCOUT signals)
Figure 22
1
µs
ZC(LOW)
Zero Crossing Detection
Low Threshold
-45
-5
mV
ZC(HIGH)
Zero Crossing Detection
High Threshold
5+45
mV
ZC(OFFSET)
Zero Crossing Offset
-20
+20
mV
Operational amplifier
COUT(Sync)
Max Sync Current
15
28
45
mA
COUT(Source) Max Source Current
-30
-20
-10
mA
CIN(Offset)
Input Terminals OFFSET
-38
+38
mV
GBWP
Gain Bandwidth Product
6
7
9
MHz
Serial interface
Ts
Setup Time
see Figure 5, 6, 7, 8 & 9
5ns
TH
Hold Time
see Figure 5, 6, 7, 8 & 9
2ns
TCR
CLR/T vs. REG_DATA or
RxTx
see Figure 5, 6, 7, 8 & 9
TB/4
TCC
CLR/T vs. CLR/T
see Figure 5, 6, 7, 8 & 9
TB
2*TB
TDS
Setup Time
see Figure 5, 6, 7, 8 & 9
TB/4
TB/2
TDH
Hold Time
see Figure 5, 6, 7, 8 & 9
TB/4
TB/2
TCRP
TH
TB/2
Table 4. Electrical characteristics (continued)
(AVdd = DVdd = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V, -40°C
≤TA ≤ 85°C, TJ < 125 °C, fc = 86kHz,
other control register parameters as default value, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com