Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 11Page - STMicroelectronics ST7538Q Datasheet HTML 12Page - STMicroelectronics ST7538Q Datasheet HTML 13Page - STMicroelectronics ST7538Q Datasheet HTML 14Page - STMicroelectronics ST7538Q Datasheet HTML 15Page - STMicroelectronics ST7538Q Datasheet HTML 16Page - STMicroelectronics ST7538Q Datasheet HTML 17Page - STMicroelectronics ST7538Q Datasheet HTML 18Page - STMicroelectronics ST7538Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ST7538Q
Functional description
15/44
5
Functional description
5.1
Carrier frequencies
ST7538Q is a multi frequency device: eight programmable Carrier Frequencies are available
(see Table 5).
Only one Carrier could be used a time. The communication channel could be varied during
the normal working Mode to realize a multifrequency communication.
Selecting the desired frequency in the Control Register the Transmission and Reception
filters are accordingly tuned.
5.2
Baud rates
ST7538Q is a multi Baud rate device: four Baud Rate are available (See Table 6.).
Table 5. ST7538Q Channels List
FCarrier
F (KHz)
F0
60
F1
66
F2
72
F3
76
F4
82.05
F5
86
F6
110
F7(1)
132.5
Table 6. ST7538Q mark and space tones frequency distance vs baud rate and deviation
Baud Rate [Baud]
∆F (1) (Hz)
1.
Frequency deviation.
Deviation (2)
2.
Deviation =
∆F / (Baud Rate)
600
600
1 (3)
3.
Deviation 0.5 Not Allowed
1200
600
1200
0.5
1
2400 (4)
4.
Default value
1200 (4)
2400
0.5
1
4800
2400
4800
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com