Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 28Page - STMicroelectronics ST7538Q Datasheet HTML 29Page - STMicroelectronics ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics ST7538Q Datasheet HTML 35Page - STMicroelectronics ST7538Q Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Functional description
ST7538Q
32/44
Table 11. Control register functions
Bits
Function
Value
Selection
Note
Default
0 to 2
Frequencies
Bit2
Bit1 Bit0
60 KHz
66 KHz
72 KHz
76 KHz
82.05 KHz
86 KHz
110 KHz
132.5 KHz
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
132.5 kHz
3 to 4
Baud Rate
Bit 4
Bit 3
600
1,200
2,400
4,800
0
0
1
1
0
1
0
1
2400
5Deviation
Bit 5
0.5
1
0
1
0.5
6
Watchdog
Bit 6
Disabled
Enabled (1.5 s)
0
1
Enabled
7 to 8
Transmission
Time Out
Bit 8
Bit 7
Disabled
1 s
3 s
Not Used
0
0
1
1
0
1
0
1
1 sec
9 to 10
Frequency
detection
time
Bit 10
Bit 9
500
µs
1 ms
3 ms
5 ms
0
0
1
1
0
1
0
1
1 ms
11
Zero
Crossing
Synchronizati
on
Bit 11
Disabled
Enabled
0
1
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com