Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 25Page - STMicroelectronics ST7538Q Datasheet HTML 26Page - STMicroelectronics ST7538Q Datasheet HTML 27Page - STMicroelectronics ST7538Q Datasheet HTML 28Page - STMicroelectronics ST7538Q Datasheet HTML 29Page - STMicroelectronics ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ST7538Q
Functional description
29/44
●
Integrated Power Line Interface (PLI)
The Power Line Interface (PLI) is a double CMOS AB Class Power Amplifier with the
two outputs (ATOP1 and ATOP2) in opposition of phase.
Two are the possible configuration:
- Single Ended Output (ATOP1).
- Bridge Connection
The Bridge connection guarantee a Differential Output Voltage to the load with twice
the swing of each individual Output. This topology virtually eliminates the even
harmonics generation.
The PLI requires, to ensure a proper operation, a regulated and well filtered Supply
Voltage. PAVcc Voltage must fulfil the following formula to work without clipping
phenomena:
To allow the driving of an external Power Line Interface, the output of the ALC is
available even on ATO pin. ATO output has a current capability much lower than ATOP1
and ATOP2.
Figure 16. PLI bridge topology
PAVcc
VATOP AC
()
2
------------------------------------
7.5V
+
≥
LOAD
R1
ALC
VOLTAGE
LOOP
CURRENT
LOOP
Vsense
CL
ATOP1
VRPK
PAVss
5.6nF
R2
RCL
80 pF
Vout
VRPK
2*VRPK
INVERTER
ATOP2
D03IN1422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com