Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics ST7538Q Datasheet HTML 35Page - STMicroelectronics ST7538Q Datasheet HTML 36Page - STMicroelectronics ST7538Q Datasheet HTML 37Page - STMicroelectronics ST7538Q Datasheet HTML 38Page - STMicroelectronics ST7538Q Datasheet HTML 39Page - STMicroelectronics ST7538Q Datasheet HTML 40Page - STMicroelectronics ST7538Q Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ST7538Q
Auxiliary analog and digital functions
37/44
Figure 21. Reset and watchdog timing
6.4
Zero crossing detection
The Mains Voltage Zero Crossing can be detected, through a proper connection of ZCIN to
the Mains. ZCIN comparator has a threshold fixed at SGND. ZCOUT is a TTL Output forced
High after a positive zero-crossing transition, and low after a negative one.
Setting the Bit 11 inside the Control Register to “1” the transmission is automatically
synchronized to the mains positive zero-crossing transition. This function is achieved turning
on the PLI when RX/TX is low and delaying the CLR/T first transition until the first zero-
crossing event. The automatic synchronization procedure can work only if the synchronous
interface is programmed. If asynchronous interface is in use the Zero Crossing
synchronization can be achieved managing the ZCOUT line.
Figure 22. Synchronous zero-crossing transmission
TWO
TRSTO
TWD
TWM
TRSTO
RSTO
WD
D03IN1410
t
ZCIN
RxTx
CLR/T
TxD
ZCOUT
ZCDEL
D03IN1423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com