Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 26Page - STMicroelectronics ST7538Q Datasheet HTML 27Page - STMicroelectronics ST7538Q Datasheet HTML 28Page - STMicroelectronics ST7538Q Datasheet HTML 29Page - STMicroelectronics ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Functional description
ST7538Q
30/44
Figure 17. PLI startup timing diagram
5.9
Crystal oscillator
ST7538Q integrates a inverter driver circuit to realize a 16MHz crystal oscillator.
This circuit is able to drive a maximum load capacitance of 16pF with typical quartz ESR of
40
Ω.
If the internal driver circuit is used, only one external crystal quartz and two external load
capacitors (C1 and C2) are needed to realize the oscillator function (Figure 18).
Figure 18. Typical crystal configuration if internal crystal driver circuit is used
If an external oscillator is used, XOUT must be disconnected, while XIN must satisfies the
specifications given in Table 4 (see Figure 19).
TST
4V
0V
TALC
TRXTX
RX/TX
ATOP2
STEP NUMBER 16
17
18
31
D03IN1408
XOUT
XIN
D03IN1425A
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com