Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics ST7538Q Datasheet HTML 35Page - STMicroelectronics ST7538Q Datasheet HTML 36Page - STMicroelectronics ST7538Q Datasheet HTML 37Page - STMicroelectronics ST7538Q Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Functional description
ST7538Q
34/44
Function
Value
Selection
Note
Default
Bit 20
Active only if Extended
Control Register is
enable (Bit 21=”1”)
20
Header
Length
8 bits
16 bits
0
1
16 bits
Bit 21
Extended Register
enables Functions on
Bit 17, 18,19 and 20
21
Extended
Register
Disable (24 bits)
Enabled (48 bits)
0
1
Disabled
(24 bits)
Bit 22
22
Sensitivity
Mode
Normal
Sensitivity
High Sensitivity
0
1
Normal
Bit 23
23
Input Filter
Disabled
Enabled
0
1
Disabled
24 to
39
Frame
Header
from 0000h to
FFFFh
One 16 bits Header or
two 8 bits Headers
(MSB first) depending
on Bit 17
9B58h
40 to
47
Frame
Length
from 01h to FFh
Number of 16 bits
words expected
08h
1.
The Detection method bit meaning differs depending on UART/SPI pin value. In this table is listed the SPI
mode (UART/SPI=”0”). For Detection method bit meaning in UART mode (UART/SPI=”1”) please see
Table 12.
Table 11. Control register functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com