Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 29Page - STMicroelectronics ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics ST7538Q Datasheet HTML 33Page - STMicroelectronics ST7538Q Datasheet HTML 34Page - STMicroelectronics ST7538Q Datasheet HTML 35Page - STMicroelectronics ST7538Q Datasheet HTML 36Page - STMicroelectronics ST7538Q Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ST7538Q
Functional description
33/44
Function
Value
Selection
Note
Default
Bit 13
Bit 12
12 to
13
Detection
Method(1)
Carrier detection
without
conditioning
00
Carrier Detection
Notification on CD_PD
Line
CLR/T and RxD signal
always Present
Preamble
detection
without
conditioning
Carrier detection
with conditioning
01
CLR/T and RxD lines
are forced to “0” when
Carrier is not detected
Preamble
detection
without
conditioning
10
Preamble Detection
Notification on CD_PD
Line
CLR/T and RxD signal
always Present
Preamble
detection
with conditioning
11
Preamble Detection
Notification on CD_PD
Line
CLR/T and RxD lines
are forced to “0” when
Preamble has not been
detected or PLL is in
Unlock condition
Bit 14
14
Mains
Interfacing
Mode
Synchronous
Asynchronous
0
1
Asynchronou
s
Bit 16
Bit 15
15 to
16
Output Clock
16 MHz
8 MHz
4 MHz
Clock OFF
0
0
1
1
0
1
0
1
4 MHz
Bit 17
Active only if Extended
Control Register is
enable (Bit 21=”1”)
17
Output
Voltage Level
Freeze
Enabled
Disabled
0
1
Disabled
Bit 18
Active only if Extended
Control Register is
enable (Bit 21=”1”)
18
Header
Recognition
Disabled
Enabled
0
1
Disabled
Bit 19
Active only if Header
Recognition Function
(Bit 18=”1”) and
Extended Control
Register (Bit 21=”1”)
are enable
19
Frame
Length Count
Disabled
Enabled
0
1
Disabled
Table 11. Control register functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com