Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538Q Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 36Page - STMicroelectronics ST7538Q Datasheet HTML 37Page - STMicroelectronics ST7538Q Datasheet HTML 38Page - STMicroelectronics ST7538Q Datasheet HTML 39Page - STMicroelectronics ST7538Q Datasheet HTML 40Page - STMicroelectronics ST7538Q Datasheet HTML 41Page - STMicroelectronics ST7538Q Datasheet HTML 42Page - STMicroelectronics ST7538Q Datasheet HTML 43Page - STMicroelectronics ST7538Q Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Auxiliary analog and digital functions
ST7538Q
40/44
6.12
Power-up procedure
To ensure ST7538Q proper power-Up sequence, PAVcc, AVdd and DVdd Supply has to fulfil
the following rules:
PAVcc rising slope must not exceed 100V/ms.
When DVdd is below 5V/3.3V and AVdd is below 5V: 100mV < PAVcc-AVdd , PAVcc-DVdd <
1.2V.
When AVdd and DVdd supplies are connected to VDC the above mentioned relation is
guarantied if VDC load < 100mA and if the filtering capacitor on VDC < 100uF.
If DVdd is not forced to 5V, the Digital I/Os are internally supplied at 3.3 V and if DVdd load <
50mA and the filtering capacitor on DVdd < 100uF the second relation can be ignored .
Figure 24. Power-UP sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com