Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 3Page - ATMEL Corporation ATAM862 Datasheet HTML 4Page - ATMEL Corporation ATAM862 Datasheet HTML 5Page - ATMEL Corporation ATAM862 Datasheet HTML 6Page - ATMEL Corporation ATAM862 Datasheet HTML 7Page - ATMEL Corporation ATAM862 Datasheet HTML 8Page - ATMEL Corporation ATAM862 Datasheet HTML 9Page - ATMEL Corporation ATAM862 Datasheet HTML 10Page - ATMEL Corporation ATAM862 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
7
4554E–4BMCU–05/06
ATAM862-3
Figure 7-1.
Tolerances of Frequency Modulation
Using C
4 =8.2 pF ±5%, C5 = 10 pF ±5%, a switch port with CSwitch = 3 pF ±10%, stray capaci-
tances on each side of the crystal of C
Stray1 =CStray2 = 1 pF ±10%, a parallel capacitance of the
crystal of C
0 = 3.2 pF ±10% and a crystal with CM = 13 fF ±10%, an FSK deviation of ±21.5 kHz
typical with worst case tolerances of ±16.25 kHz to ±28.01 kHz results.
7.3
CLK Output
An output CLK signal is provided for a connected microcontroller, the delivered signal is CMOS
compatible if the load capacitance is lower than 10 pF.
7.3.1
Clock Pulse Take Over
The clock of the crystal oscillator can be used for clocking the microcontroller. The microcontrol-
ler block has the special feature of starting with an integrated RC-oscillator to switch on the PLL
transmitter block with ENABLE = H, and after 1 ms to assume the clock signal of the transmis-
sion IC, so the message can be sent with crystal accuracy.
7.3.2
Output Matching and Power Setting
The output power is set by the load impedance of the antenna. The maximum output power is
achieved with a load impedance of Z
Load,opt =(255+j192) Ω. There must be a low resistive path
to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 9 mA and the maximum output power is
delivered to a resistive load of 400
Ω if the 1.0 pF output capacitance of the power amplifier is
compensated by the load impedance.
An optimum load impedance of:
Z
Load =400 Ω || j/(2 ×π 1.0 pF) = (255 + j192) Ω thus results for the maximum output power of
8dBm.
The load impedance is defined as the impedance seen from the PLL transmitter block’s ANT1,
ANT2 into the matching network. Do not confuse this large signal load impedance with a small
signal input impedance delivered as input characteristic of RF amplifiers and measured from the
application into the IC instead of from the IC into the application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 400
Ω where the parallel
imaginary part should be kept constant.
Output power measurement can be done with the circuit shown in Figure 7-2 on page 8. Note
that the component values must be changed to compensate the individual board parasitics until
the PLL transmitter block has the right load impedance Z
Load,opt = (255 + j192) Ω. Also the damp-
ing of the cable used to measure the output power must be calibrated.
~
V
S
XTAL
C
Stray1
C
M
L
M
R
S
C
0
C
Stray2
C
4
C
5
Crystal equivalent circuit
C
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com