Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 59Page - ATMEL Corporation ATAM862 Datasheet HTML 60Page - ATMEL Corporation ATAM862 Datasheet HTML 61Page - ATMEL Corporation ATAM862 Datasheet HTML 62Page - ATMEL Corporation ATAM862 Datasheet HTML 63Page - ATMEL Corporation ATAM862 Datasheet HTML 64Page - ATMEL Corporation ATAM862 Datasheet HTML 65Page - ATMEL Corporation ATAM862 Datasheet HTML 66Page - ATMEL Corporation ATAM862 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
63
4554E–4BMCU–05/06
ATAM862-3
23.3
Timer 3 Modulator/Demodulator Modes
23.3.1
Timer 3 – Mode 6:
Carrier Frequency Burst Modulation Controlled by Timer 2 Output Toggle Flip-flop (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency via the output toggle
flip-flop. The output toggle flip-flop of Timer 2 is used to enable or disable the Timer 3 output.
Timer 2 can be driven by the toggle output signal of Timer 3 or any other clock source (see
“Combination Mode 11: Burst Modulation 1” on page 92).
23.3.2
Timer 3 – Mode 7: Carrier Frequency Burst Modulation Controlled by SSI Internal Output (SO)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency via the output toggle
flip-flop. The output (SO) of the SSI is used to enable or disable the Timer 3 output. The SSI
should be supplied with the toggle signal of Timer 2 (see “Combination Mode 12: Burst Modula-
tion 2” on page 94).
23.3.3
Timer 3 – Mode 8: FSK Modulation with Shift Register Data (SO)
The two compare registers are used for generating two different time intervals. The SSI internal
data output (SO) selects which compare register is used for the output frequency generation. A
"0" level at the SSI data output enables the compare register 1. A "1" level enables compare reg-
ister 2. The compare- and compare-mode registers must be programmed to generate the two
frequencies via the output toggle flip-flop. The SSI can be supplied with the toggle signal of
Timer 2. The Timer 3 counter is driven by an internal or external clock source. The Timer 2
counter is driven by the Counter 3 (TOG3) (see “Combination Mode 13: FSK Modulation” on
page 94).
Figure 23-8. FSK Modulation
012340 1 23401 2 3
Counter 3
CM31
CM32
SO
40 1 2 0 12012 0 120 1 201201 20 1 2 3
T3R
40
T3O
1
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com