Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation ATAM862 Datasheet HTML 29Page - ATMEL Corporation ATAM862 Datasheet HTML 30Page - ATMEL Corporation ATAM862 Datasheet HTML 31Page - ATMEL Corporation ATAM862 Datasheet HTML 32Page - ATMEL Corporation ATAM862 Datasheet HTML 33Page - ATMEL Corporation ATAM862 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
30
4554E–4BMCU–05/06
ATAM862-3
Figure 19-7. 32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
19.3
Clock Management
The clock management register controls the system clock divider and synchronization stage.
Writing to this register triggers the synchronization cycle.
19.3.1
Clock Management Register (CM)
Auxiliary register address: "3"hex
Table 19-3.
Core Speed Select
32-kHz
oscillator
32Out
32Out
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
XTAL
32 kHz
*
Configurable
Bit 3
Bit 2
Bit 1
Bit 0
CM:
NSTOP
CCS
CSS1
CSS0
Reset value: 1111b
NSTOP
Not STOP peripheral clock
NSTOP = 0, stops the peripheral clock while the core is in SLEEP mode
NSTOP = 1, enables the peripheral clock while the core is in SLEEP mode
CCS
Core Clock Select
CCS = 1, the internal RC-oscillator 1 generates SYSCL
CCS = 0, the 4-MHz crystal oscillator, the 32-kHz crystal oscillator, an external clock
source or the internal RC-oscillator 2 with the external resistor at OSC1 generates SYSCL
dependent on the setting of OS0 and OS1 in the system configuration register
CSS1
Core Speed Select 1
CSS0
Core Speed Select 0
CSS1
CSS0
Divider
Note
00
16
-
1
1
8
Reset value
104
-
012
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com