Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAM862 Datasheet HTML 1Page - ATMEL Corporation ATAM862 Datasheet HTML 2Page - ATMEL Corporation ATAM862 Datasheet HTML 3Page - ATMEL Corporation ATAM862 Datasheet HTML 4Page - ATMEL Corporation ATAM862 Datasheet HTML 5Page - ATMEL Corporation ATAM862 Datasheet HTML 6Page - ATMEL Corporation ATAM862 Datasheet HTML 7Page - ATMEL Corporation ATAM862 Datasheet HTML 8Page - ATMEL Corporation ATAM862 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
Features
• Single Package Fully-integrated 4-bit Microcontroller with RF Transmitter
• Low Power Consumption in Sleep Mode (< 1 µA Typically)
• Flash Controller for Application Program Available
• Maximum Output Power (10 dBm) with Low Supply Current (9.5 mA Typically)
• 2.0 V to 4.0 V Operation Voltage for Single Li-cell Power Supply
• -40
° C to +125° C Operation Temperature
• SSO24 Package
• About Seven External Components
1.
Description
The ATAM862-3 is a single package dual-chip circuit. It combines a UHF ASK/FSK
transmitter with a 4-bit microcontroller. It supports highly integrated solutions in car
access and tire-pressure monitoring applications, as well as manifold applications in
the industrial and consumer segment. It is available for the transmitting frequency
range of 310 MHz to 330 MHz with data rates up to 32 kbaud Manchester coded.
For further frequency ranges such as 429 MHz to 439 MHz and 868 MHz to 928 MHz
separate datasheets are available.
The device contains a flash microcontroller.
Figure 1-1.
Application Diagram
Antenna
Micro-
controller
PLL-
Transmitter
ATAM862
Keys
UHF ASK/FSK
Receiver
Micro-
controller
Microcontroller
with UHF
ASK/FSK
Transmitter
ATAM862-3
4554E–4BMCU–05/06


Similar Part No. - ATAM862

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862-3 ATMEL-ATAM862-3 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-4 ATMEL-ATAM862-4 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-4 ATMEL-ATAM862-4 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-4 ATMEL-ATAM862-4_06 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATAM862

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com