Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 49Page - ATMEL Corporation ATAM862 Datasheet HTML 50Page - ATMEL Corporation ATAM862 Datasheet HTML 51Page - ATMEL Corporation ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation ATAM862 Datasheet HTML 55Page - ATMEL Corporation ATAM862 Datasheet HTML 56Page - ATMEL Corporation ATAM862 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
53
4554E–4BMCU–05/06
ATAM862-3
22.11.5
Timer 2 Output Mode 5
Manchester Modulator: Timer 2 modulates the SSI internal data output (SO) to Manchester
code
Figure 22-20. Manchester Modulation
22.11.6
Timer 2 Output Mode 7
In this mode the timer overflow defines the period and the compare register defines the duty
cycle. During one period only the first compare match occurrence is used to toggle the timer out-
put flip-flop, until the overflow all further compare match are ignored. This avoids the situation
that changing the compare register causes the occurrence of several compare match during one
period. The resolution at the pulse-width modulation Timer 2 mode 1 is 12-bit and all other
Timer 2 modes are 8-bit.
PWM Mode: Pulse-width modulation output on Timer 2 output pin (T2O)
Figure 22-21. PWM Modulation
22.12 Timer 2 Registers
Timer 2 has 6 control registers to configure the timer mode, the time interval, the input clock and
its output function. All registers are indirectly addressed using extended addressing as
described in section “Addressing Peripherals” on page 32. The alternate functions of the Ports
BP41 or BP42 must be selected with the Port 4 control register P4CR, if one of the Timer 2
modes require an input at T2I/BP41 or an output at T2O/BP42.
TOG2
SC
SO
T2O
00
0
0
0
11
01
01
11
1
1
8-bit SR-Data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101
0
0
50
255
100
0
255 0
150
255 0 50
255 0
100
T2R
Input clock
Counter 2/2
Counter 2/2
OVF2
CM2
INT4
T2O
load the next
compare value
T2CO2=150
load
load
T1
T2
T3
T1
T2
TT
T
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com