Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation ATAM862 Datasheet HTML 55Page - ATMEL Corporation ATAM862 Datasheet HTML 56Page - ATMEL Corporation ATAM862 Datasheet HTML 57Page - ATMEL Corporation ATAM862 Datasheet HTML 58Page - ATMEL Corporation ATAM862 Datasheet HTML 59Page - ATMEL Corporation ATAM862 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
56
4554E–4BMCU–05/06
ATAM862-3
Table 22-10. Timer 2 Output Select Bits
If one of these output modes is used the T2O alternate function of Port 4 must also be activated.
22.12.5
Timer 2 Compare and Compare Mode Registers
Timer 2 has two separate compare registers, T2CO1 for the 4-bit stage and T2CO2 for the 8-bit
stage of Timer 2. The timer compares the contents of the compare register current counter value
and if it matches it generates an output signal. Dependent on the timer mode, this signal is used
to generate a timer interrupt, to toggle the output flip-flop as SSI clock or as a clock for the next
counter stage.
In the 12-bit timer mode, T2CO1 contains bits 0 to 3 and T2CO2 bits 4 to 11 of the 12-bit com-
pare value. In all other modes, the two compare registers work independently as a 4- and 8-bit
compare register.
When assigned to the compare register a compare event will be suppressed.
Output Mode
T2OS2
T2OS1
T2OS0
Clock Output
11
1
1
Toggle mode: a Timer 2 compare match toggles the
output flip-flop (M2) -> T2O
21
1
0
Duty cycle burst generator 1: the DCG output signal
(DCG0) is given to the output and gated by the output
flip-flop (M2)
31
0
1
Duty cycle burst generator 2: the DCG output signal
(DCGO) is given to the output and gated by the SSI
internal data output (SO)
41
0
0
Biphase modulator: Timer 2 modulates the SSI
internal data output (SO) to Biphase code
50
1
1
Manchester modulator: Timer 2 modulates the SSI
internal data output (SO) to Manchester code
60
1
0
SSI output: T2O is used directly as SSI internal data
output (SO)
7
0
0
1
PWM mode: an 8/12-bit PWM mode
80
0
0
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com