Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 67Page - ATMEL Corporation ATAM862 Datasheet HTML 68Page - ATMEL Corporation ATAM862 Datasheet HTML 69Page - ATMEL Corporation ATAM862 Datasheet HTML 70Page - ATMEL Corporation ATAM862 Datasheet HTML 71Page - ATMEL Corporation ATAM862 Datasheet HTML 72Page - ATMEL Corporation ATAM862 Datasheet HTML 73Page - ATMEL Corporation ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
71
4554E–4BMCU–05/06
ATAM862-3
The compare registers and corresponding counter reset masks can be used to program the
counter time intervals and the toggle masks can be used to program output signal. The sin-
gle-action mask can also be used in this mode. It starts operating after the timer started with
T3R.
23.6.8
Timer 3 COmpare Register 1 (T3CO1) Byte Write
Address: "B"hex - Subaddress: "4"hex
23.6.9
Timer 3 COmpare Register 2 (T3CO2) Byte Write
Address: "B"hex - Subaddress: "5"hex
23.7
Timer 3 Capture Register
The counter content can be read via the capture register. There are two ways to use the capture
register. In modes 1 and 4, it is possible to read the current counter value directly out of the cap-
ture register. In the capture modes 2, 3, 5 and 12, a capture event like an edge at the Timer 3
input or a signal from Timer 2 stores the current counter value into the capture register. This
counter value can be read from the capture register.
23.7.1
Timer 3 CaPture Register (T3CP) Byte Read
Address: "B"hex - Subaddress: "4"hex
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: 1111b
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: 1111b
High Nibble
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Low Nibble
Second read cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com