Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 19Page - ATMEL Corporation ATAM862 Datasheet HTML 20Page - ATMEL Corporation ATAM862 Datasheet HTML 21Page - ATMEL Corporation ATAM862 Datasheet HTML 22Page - ATMEL Corporation ATAM862 Datasheet HTML 23Page - ATMEL Corporation ATAM862 Datasheet HTML 24Page - ATMEL Corporation ATAM862 Datasheet HTML 25Page - ATMEL Corporation ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
23
4554E–4BMCU–05/06
ATAM862-3
17. Master Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is activated
independent of the current program state. It can be triggered by either initial supply power-up, a
short collapse of the power supply, brown-out detection circuitry, watchdog time-out, or an exter-
nal input clock supervisor stage (see Figure 17-1). A master reset activation will reset the
interrupt enable flag, the interrupt pending register and the interrupt active register. During the
power-on reset phase, the I/O bus control signals are set to reset mode, thereby, initializing all
on-chip peripherals. All bi-directional ports are set to input mode
Attention: During any reset phase, the BP20/NTE input is driven towards V
DD by an additional
internal strong pull-up transistor. This pin must not be pulled down to V
SS during reset by any
external circuitry representing a resistor of less than 150 k
Ω.
Releasing the reset results in a short call instruction (opcode C1h) to the ROM address 008h.
This activates the initialization routine $RESET which in turn has to initialize all necessary RAM
variables, stack pointers and peripheral configuration registers (see Table 21-1 on page 34).
Figure 17-1. Reset Configuration
17.1
Power-on Reset and Brown-out Detection
The microcontroller block has a fully integrated power-on reset and brown-out detection circuitry.
For reset generation no external components are needed.
These circuits ensure that the core is held in the reset state until the minimum operating supply
voltage has been reached. A reset condition will also be generated should the supply voltage
drop momentarily below the minimum operating level except when a power-down mode is acti-
vated (the core is in SLEEP mode and the peripheral clock is stopped). In this power-down
mode the brown-out detection is disabled.
Two values for the brown-out voltage threshold are programmable via the BOT bit in the
SC register.
Reset
timer
V
DD
CL
Power-on
reset
Internal
reset
res
CL=SYSCL/4
V
DD
V
SS
Brown-out
detection
V
DD
V
SS
Watch-
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com