Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 10Page - ATMEL Corporation ATAM862 Datasheet HTML 11Page - ATMEL Corporation ATAM862 Datasheet HTML 12Page - ATMEL Corporation ATAM862 Datasheet HTML 13Page - ATMEL Corporation ATAM862 Datasheet HTML 14Page - ATMEL Corporation ATAM862 Datasheet HTML 15Page - ATMEL Corporation ATAM862 Datasheet HTML 16Page - ATMEL Corporation ATAM862 Datasheet HTML 17Page - ATMEL Corporation ATAM862 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
14
4554E–4BMCU–05/06
ATAM862-3
14.1
Differences between ATAM862-3 and ATAR862 Microcontrollers
14.1.1
Program Memory
The program memory of the devices is realized as an EEPROM. The memory size for user pro-
grams is 4096 bytes. It is programmed as 258
× 16 bytes blocks of data. the implement
LOCK-bit function is user-selectable and protects the device from unauthorized read-out of the
program memory.
14.1.2
Configuration Memory
An additional area of 32 bytes of the EEPROM is used to store information about the hardware
configuration. All the options that are selectable for the ROM versions are available to the user.
This includes not only the different port options but also the possibilities to select different capac-
itors for OSC1 and OSC2, the option to enable or disable the hardlock for the watchdog, the
option to select OSC2 instead of OSC1 as external clock input and the option to enable the
external clock monitor as a reset source.
14.1.3
Data Memory
The microcontroller block contains an internal data EEPROM that is organized as two pages of
32
× 16-bit. To be compatible with the ROM parts, the page used has to be defined within the
application software by writing the 2-wire interface (TWI) command "09h" to the EEPROM. This
command has no effect for the microcontroller block, if it is left inside the HEX-file for the ROM
version. Also for compatibility reasons, the access to the EEPROM is handled via the MCL
(serial interface) as in the corresponding ROM parts.
14.1.4
Reset Function
During each reset (power-on or brown-out), the I/O configuration is deleted and reloaded with
the data from the configuration memory. This leads to a slightly different behavior compared to
the ROM versions. Both devices switch their I/Os to input during reset but the ROM part has the
mask selected pull-up or pull-down resistors active while the MTP has them removed until the
download is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com