Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 79Page - ATMEL Corporation ATAM862 Datasheet HTML 80Page - ATMEL Corporation ATAM862 Datasheet HTML 81Page - ATMEL Corporation ATAM862 Datasheet HTML 82Page - ATMEL Corporation ATAM862 Datasheet HTML 83Page - ATMEL Corporation ATAM862 Datasheet HTML 84Page - ATMEL Corporation ATAM862 Datasheet HTML 85Page - ATMEL Corporation ATAM862 Datasheet HTML 86Page - ATMEL Corporation ATAM862 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
83
4554E–4BMCU–05/06
ATAM862-3
23.9.5
Serial Receive Buffer (SRB) – Byte Read
Primary register address: "9"hex
The SRB is the receive buffer of the SSI. The shift register clocks serial data in (most significant bit first)
and loads content into the receive buffer when complete telegram has been received.
24. Combination Modes
The UTCM consists of two timers (Timer 2 and Timer 3) and a serial interface. There is a multi-
tude of modes in which the timers and serial interface can work together.
The 8-bit wide serial interface operates as shift register for modulation and demodulation. The
modulator and demodulator units work together with the timers and shift the data bits into or out
of the shift register.
24.1
Combination Mode Timer 2 and SSI
Figure 24-1. Combination Timer 2 and SSI
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Second read cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb
4-bit counter 2/1
RES
OVF1
Compare 2/1
T2CO1
POUT
CL2/2
DCG
T2M1
P4CR
8-bit counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Timer 2 - control
TOG2
INT4
Biphase-,
Manchester-
modulator
Output
MOUT
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
T2C
CL2/1
T2I
SYSCL
T1OUT
TOG3
SCL
I/O-bus
8-bit shift register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SCLI
Control
STB
SRB
SI
Output
INT3
I/O-bus
SSI-control
TOG2
POUT
T1OUT
SYSCL
MCL_SC
MCL_SD
Transmit
buffer
Receive
buffer
CM1
I/O-bus
POUT
SO
SCL
SC
SD
DCGO
TOG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com