Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATAM862 Datasheet HTML 1Page - ATMEL Corporation ATAM862 Datasheet HTML 2Page - ATMEL Corporation ATAM862 Datasheet HTML 3Page - ATMEL Corporation ATAM862 Datasheet HTML 4Page - ATMEL Corporation ATAM862 Datasheet HTML 5Page - ATMEL Corporation ATAM862 Datasheet HTML 6Page - ATMEL Corporation ATAM862 Datasheet HTML 7Page - ATMEL Corporation ATAM862 Datasheet HTML 8Page - ATMEL Corporation ATAM862 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
4
4554E–4BMCU–05/06
ATAM862-3
3.
UHF ASK/FSK Transmitter Block
4.
Features
• Integrated PLL Loop Filter
• ESD Protection (4 kV HBM/200 V MM, Except Pin 2: 4 kV HBM/100 V MM) also at ANT1/ANT2
• High Output Power (8 dBm) with Low Supply Current (9.0 mA)
• Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor between the XTAL Load
Capacitor and the Open-drain Output of the Modulating Microcontroller
• Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
• Single Li-cell for Power Supply
• Supply Voltage 2.0 V to 4.0 V in the Temperature Range of -40
° C to +85° C/+125° C
• Single-ended Antenna Output with High Efficient Power Amplifier
• CLK Output for Clocking the Microcontroller
• One-chip Solution with Minimum External Circuitry
• 125
° C Operation for Tire Pressure Systems
5.
Description
The PLL transmitter block has been developed for the demands of RF low-cost transmission
systems, at data rates up to 32 kbaud. The transmitting frequency range is 310 MHz to
330 MHz. It can be used in both FSK and ASK systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com