Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 117 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 113Page - Texas Instruments AM263P4 Datasheet HTML 114Page - Texas Instruments AM263P4 Datasheet HTML 115Page - Texas Instruments AM263P4 Datasheet HTML 116Page - Texas Instruments AM263P4 Datasheet HTML 117Page - Texas Instruments AM263P4 Datasheet HTML 118Page - Texas Instruments AM263P4 Datasheet HTML 119Page - Texas Instruments AM263P4 Datasheet HTML 120Page - Texas Instruments AM263P4 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 154 page
background image
6.11.5.12 Octal Serial Peripheral Interface (OSPI)
OSPI0 offers two data capture modes, PHY mode and Tap mode.
PHY mode uses an internal reference clock to transmit and receive data via a DLL based PHY, where each
reference clock cycle produces a single cycle of OSPI0_CLK for Single Data Rate (SDR) transfers or a half
cycle of OSPI0_CLK for Double Data Rate (DDR) transfers. PHY mode supports three clocking topologies
for the receive data capture clock. Internal PHY Loopback - uses the internal reference clock as the PHY
receive data capture clock. Internal Pad Loopback - uses OSPI0_LBCLKO looped back into the PHY from the
OSPI0_LBCLKO pin as the PHY receive data capture clock. DQS - uses the DQS output from the attached
device as the PHY receive data capture clock. SDR transfers are not supported when using the Internal
Pad Loopback and DQS clocking topologies. DDR transfers are not supported when using the Internal PHY
Loopback or Internal Pad Loopback clocking topologies.
Tap mode uses an internal reference clock with selectable taps to adjusted data transmit and receive capture
delays relative to OSPI0_CLK, which is a divide by 4 of the internal reference clock for SDR transfers or a divide
by 8 of the internal reference clock for DDR transfers. Tap mode only supports one clocking topology for the
receive data capture clock. No Loopback - uses the internal reference clock as the Tap receive data capture
clock. This clocking topology supports a maximum internal reference clock rate of 200 MHz, which produces an
OSPI0_CLK rate up to 50 MHz for SDR mode or 25 MHz for DDR mode.
For more details about features and additional description information on the device Octal Serial Peripheral
Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
OSPI PHY Mode defines timing requirements and switching characteristics associated with PHY mode and
OSPI Tap Mode defines timing requirements and switching characteristics associated with Tap mode.
OSPI Timing Conditions presents timing conditions for OSPI0.
For more information, see Octal Serial Peripheral Interface (OSPI) section in the device TRM.
6.11.5.12.1 OSPI Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
15
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of OSPI0_CLK
trace
No Loopback
Internal PHY Loopback
Internal Pad Loopback
450
ps
Propagation delay of OSPI0_DQS
trace
DQS
L(1) - 30
L(1) + 30
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch of
OSPI0_D[7:0] and OSPI0_CSn[1:0]
relative to OSPI0_CLK
All modes
60
ps
(1)
L = Propagation delay of OSPI0_CLK trace
6.11.5.12.2 OSPI PHY Mode
6.11.5.12.2.1 OSPI0 With PHY Data Training
Read and write data valid windows will shift due to variation in process, voltage, temperature, and operating
frequency. A data training method may be implemented to dynamically configure optimal read and write timing.
Implementing data training enables proper operation across temperature with a specific process, voltage, and
frequency operating condition, while achieving a higher operating frequency.
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com