Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 120 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 116Page - Texas Instruments AM263P4 Datasheet HTML 117Page - Texas Instruments AM263P4 Datasheet HTML 118Page - Texas Instruments AM263P4 Datasheet HTML 119Page - Texas Instruments AM263P4 Datasheet HTML 120Page - Texas Instruments AM263P4 Datasheet HTML 121Page - Texas Instruments AM263P4 Datasheet HTML 122Page - Texas Instruments AM263P4 Datasheet HTML 123Page - Texas Instruments AM263P4 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 154 page
background image
tO22t
O21
OSPI_DQS
OSPI_D[i:0]
Figure 6-35. OSPI0 Timing Requirements – PHY SDR with External Board Loopback
6.11.5.12.2.2.1.3 OSPI Switching Characteristics - PHY SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, OSPI0_CLK
3.3V
6.03
ns
O8
tw(CLKL)
Pulse duration, OSPI0_CLK low
0.475P(1) - 0.3
ns
O9
tw(CLKH)
Pulse duration, OSPI0_CLK high
0.475P(1) - 0.3
ns
O10
td(CSn-CLK)
Delay time, OSPI0_CSn[1:0] active edge
to OSPI0_CLK rising edge
TBD
TBD
ns
O11
td(CLK-CSn)
Delay time, OSPI0_CLK rising edge to
OSPI0_CSn[1:0] inactive edge
TBD
TBD
ns
O12
td(CLK-D)
Delay time, OSPI0_CLK active edge to
OSPI0_D[7:0] transition
3.3V
TBD
TBD
ns
(1)
P = CLK cycle time = SCLK period in ns
tO9t
tO8t
tO7t
tO11t
O12
O10
OSPI_CSn
OSPI_CLK
OSPI_D[i:0]
Figure 6-36. OSPI0 Switching Characteristics – PHY SDR
6.11.5.12.2.2.2 OSPI0 PHY DDR Timing
6.11.5.12.2.2.2.1 OSPI DLL Delay Mapping for PHY DDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
Transmit
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
TBD
Receive
3.3V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
TBD
All other modes
PHY_CONFIG_RX_DLL_DELAY_FLD
TBD
6.11.5.12.2.2.2.2 OSPI Timing Requirements - PHY DDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O15
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid
before active OSPI0_DQS edge
3.3V, DDR with
DQS
TBD
ns
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
120
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com