Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9271 Datasheet HTML 35Page - Analog Devices AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 39 of 58
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
(format determined by output_mode)
0F
Flex_channel_input
Filter cutoff frequency control
0000 = 0.7 × 1/3 × fSAMPLE
0001 = 0.8 × 1/3 × fSAMPLE
0010 = 0.9 × 1/3 × fSAMPLE
0011 = 1.0 × 1/3 × fSAMPLE
0100 = 1.1 × 1/3 × fSAMPLE
0101 = 1.2 × 1/3 × fSAMPLE
0110 = 1.3 × 1/3 × fSAMPLE
X
X
X
X
0x30
Antialiasing filter
cutoff (global)
10
Flex_offset
X
X
6-bit LNA offset adjustment
Table = TBD
0x20
LNA force offset
correction
(local)
11
Flex_gain
X
X
X
X
X
X
LNA gain
00 = 5×
01 = 6×
10 = 8×
0x01
LNA gain
adjustment
(global)
14
output_mode
X
0 = LVDS
ANSI
(default)
1 = LVDS
low power,
(IEEE
1596.3
similar)
X
X
X
Output
invert
1 = on
0 = off
(default)
00 = offset binary
(default)
01 = twos
complement
0x00
Configures the
outputs and the
format of the data.
15
output_adjust
X
X
Output driver
termination
00 = none (default)
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
X
X
X
DCO
and FCO
2× drive
strength
1 = on
0 = off
(default)
0x00
Determines LVDS
or other output
properties.
Primarily functions
to set the LVDS
span and
common-mode
levels in place of
an external
resistor.
16
output_phase
X
X
X
X
0011 = output clock phase adjust
(0000 through 1010)
(Default: 180° relative to DATA edge)
0000 = 0° relative to DATA edge
0001 = 60° relative to DATA edge
0010 = 120° relative to DATA edge
0011 = 180° relative to DATA edge
0100 = 240° relative to DATA edge
0101 = 300° relative to DATA edge
0110 = 360° relative to DATA edge
0111 = 420° relative to DATA edge
1000 = 480° relative to DATA edge
1001 = 540° relative to DATA edge
1010 = 600° relative to DATA edge
1011 to 1111 = 660° relative to DATA edge
0x03
On devices that
utilize global
clock divide,
determines which
phase of the
divider output is
used to supply
the output clock.
Internal latching
is unaffected.
19
user_patt1_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB
(global).
1A
user_patt1_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB
(global).
1B
user_patt2_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB.
(global)
1C
user_patt2_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com