Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 21 of 58
LNA
LI-X
LG-X
LO-X
DOUT – X
DOUT + X
CS
CLG
CFB RFB2
CSH
GAIN
INTERPOLATOR
RS
SERIAL PORT
INTERFACE
LOSW-X
RFB1
TO
SWITCH
ARRAY
gm
CDW+
CDW–
ATTENUATOR
–30dB TO 0dB
12-BIT
PIPELINE
ADC
SERIAL
LVDS
+24dB
AAF
AD9271
Figure 33. Simplified Block Diagram of Single Channel
CHANNEL OVERVIEW
Each channel contains both a TGC and CW Doppler signal
path. Common to both signal paths, the LNA provides user-
adjustable input impedance termination. The CW Doppler path
includes a transconductance amplifier and crosspoint switch.
The TGC path includes a differential X-AMP® VGA, an
antialiasing filter, and an ADC. Figure 33 shows a simplified
block diagram with external components.
The signal path is fully differential throughout to maximize
signal swing and reduce even-order distortion; however, the
LNA is designed to be driven from a single-ended signal source.
Low Noise Amplifier (LNA)
Good noise performance relies on a proprietary ultralow noise
LNA at the beginning of the signal chain, which minimizes the
noise contribution in the following VGA. Active impedance
control optimizes noise performance for applications that benefit
from input impedance matching.
A simplified schematic of the LNA is shown in Figure 34. LI-x is
capacitively coupled to the source. An on-chip bias generator
establishes dc input bias voltages of around 1.4 V and centers
the output common-mode levels at 0.9 V (VDD/2). A capacitor,
CLG, of the same value as the input coupling capacitor, CS, is
connected from the LG-x pin to ground.
LI-X
CS
CLG
CFB
CSH
RS
LG-X
LO-X
LOSW
RFB1
RFB2
Figure 34. Simplified LNA Schematic
The LNA supports differential output voltages as high as 2 V p-p
with positive and negative excursions of ±0.5 V from a
common-mode voltage of 0.9 V. The LNA differential gain sets
the maximum input signal before saturation. One of three gains
is set through the SPI. The corresponding input full-scale for
the gain settings of 5, 6, or 8 is 400 mV p-p, 333 mV p-p, and
250 mV p-p, respectively. Overload protection ensures quick
recovery time from large input voltages. Because the inputs are
capacitively coupled to a bias voltage near midsupply, very large
inputs can be handled without interacting with the ESD protection.
Low value feedback resistors and the current-driving capability
of the output stage allow the LNA to achieve a low input-referred
noise voltage of 1.2 nV/√Hz. This is achieved with a current
consumption of only 16 mA per channel (30 mW). On-chip
resistor matching results in precise single-ended gains critical
for accurate impedance control. The use of a fully differential
topology and negative feedback minimizes distortion. Low HD2
is particularly important in second harmonic ultrasound imaging
applications. Differential signaling enables smaller swings at
each output, further reducing third-order distortion.
Active Impedance Matching
The LNA consists of a single-ended voltage gain amplifier with
differential outputs and the negative output externally available.
For example, with a fixed gain of 6 (15.6 dB), an active input
termination is synthesized by connecting a feedback resistor
between the negative output pin, LO-x, and the positive input
pin, LI-x. This technique is well known and results in the input
resistance shown in Equation 2, where A/2 is the single-ended
gain or the gain from the LI-x inputs to the LO-x outputs.
)
2
1
(
A
R
R
FB
IN
+
=
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com