Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9271 Datasheet HTML 7Page - Analog Devices AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices AD9271 Datasheet HTML 10Page - Analog Devices AD9271 Datasheet HTML 11Page - Analog Devices AD9271 Datasheet HTML 12Page - Analog Devices AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 11 of 58
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With
Respect To
Rating
ELECTRICAL
AVDD
GND
−0.3 V to +2.0 V
DRVDD
GND
−0.3 V to +2.0 V
CWVDD
GND
−0.3 V to +3.9 V
GND
GND
−0.3 V to +0.3 V
AVDD
DRVDD
−2.0 V to +2.0 V
Digital Outputs
(DOUT+, DOUT−, DCO+,
DCO−, FCO+, FCO−)
GND
−0.3 V to +2.0 V
CLK+, CLK−
GND
−0.3 V to +3.9 V
LI-x
LG-x
−0.3 V to +2.0 V
LO-x
LG-x
−0.3 V to +2.0 V
LOSW-x
LG-x
−0.3 V to +2.0 V
CWDx−, CWDx+
GND
−0.3 V to +2.0 V
SDIO, GAIN+,GAIN−
GND
−0.3 V to +2.0 V
PDWN, STBY, SCLK, CSB
GND
−0.3 V to +3.9 V
REFT, REFB, RBIAS
GND
−0.3 V to +2.0 V
VREF, SENSE
GND
−0.3 V to +2.0 V
ENVIRONMENTAL
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 5.
Air Flow Velocity (m/s)
θJA1
θJB
θJC
0.0
20.3°C/W
1.0
14.4°C/W
7.6°C/W
4.7°C/W
2.5
12.9°C/W
1 θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com