Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9271 Datasheet HTML 48Page - Analog Devices AD9271 Datasheet HTML 49Page - Analog Devices AD9271 Datasheet HTML 50Page - Analog Devices AD9271 Datasheet HTML 51Page - Analog Devices AD9271 Datasheet HTML 52Page - Analog Devices AD9271 Datasheet HTML 53Page - Analog Devices AD9271 Datasheet HTML 54Page - Analog Devices AD9271 Datasheet HTML 55Page - Analog Devices AD9271 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 52 of 58
Table 17. Evaluation Board Bill of Materials (BOM)1
Item
Qnty.
per
Board
REFDES
Device
Pkg.
Value
Mfg.
Mfg. Part Number
1
1
AD9271BSVZ_REVC
PCB
PCB
PCB
2
71
C101, C103, C105,
C107, C109, C111,
C113, C115, C121 to
C124, C201, C203,
C205, C207, C209,
C211, C213, C215,
C221 to C224, C301,
C303 to C306, C308
to C309, C401 to
C403, C409 to C422,
C502, C504, C702 to
C703, C708, C710,
C712, C730 to C735,
C740 to C748, C751
Capacitor
C0402
0.1 μF 10 V
ceramic X5R
0402
Panasonic
ECJ-0EB1A104K
3
8
C102, C106, C110,
C114, C202, C206,
C210, C214
Capacitor
C0402
Ceramic 22 pF
5% 50 V NP0
0402
AVX
04025A220JAT2A
4
1
C302
Capacitor
C0603
Ceramic 4.7 μF
6.3 V X5R 0603
AVX
C0603C475K9PACTU
5
7
C307, C714 to C717,
C719 to C720
Capacitor
C0603
1 μF 6.3 V ceramic
X5R 0603
Panasonic
ECJ-1VB0J105K
6
5
C501, C503, C707,
C709, C711
Capacitor
C0603
Ceramic 10 μF
6.3 V X5R 0603
Panasonic
ECJ-1VB0J106M
7
1
C704
Capacitor
C6032
10 μF, 6032-28,
tantalum, 16 V,
10% tol
Kemet
T491C106K016AS
8
1
CR401
Diode
SOT23
Schottky
GP LN 20 mA
AVAGO (Agilent)
HSMS-2812-TR1G
9
1
CR702
LED
LED0603
Green USS
Type 0603 4 V,
5 m candela
Panasonic
LNJ314G8TRA
10
5
D701 to 705
Diode
SMBJ
Rectifier SIL 2 A
50 V DO-214AA
Micro
Commercial Co.
S2A-TP
11
1
F701
Fuse
Polyswitch 1.10
A reset fuse SMD
Tyco/Raychem
NANOSMDC110F-2
12
13
J101 to J104, J201
to J204, J301, J402
to J403, P401 to
P402
Connector
CNSAMTEC-SMA-J-
CONN-PCB coax
SMA end launch
Samtec/Johnson
SMA-J-P-X-ST-EM1/
142-0711-821
13
1
J401
Connector
CNBERG1X3H205LD
Header, 3-pin,
male, single row,
straight
Samtec
TSW-103-08-G-S
14
1
J501
Connector
CNBERG2X4H350LD
Header, 8-pin,
male, double
row, straight
Samtec
TSW-105-08-T-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com