Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices AD9271 Datasheet HTML 10Page - Analog Devices AD9271 Datasheet HTML 11Page - Analog Devices AD9271 Datasheet HTML 12Page - Analog Devices AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 12 of 58
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
LI-F
LG-F
LO-F
LI-G
LG-G
LO-G
AVDD
CLK–
CLK+
AVDD
AVDD
AVDD
AVDD
LI-E
LG-E
AVDD
AVDD
LI-H
LG-H
LO-H
AVDD
AVDD
LOSW-F
LOSW-G
LOSW-H
AD9271
TOP VIEW
(Not to Scale)
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
74
75
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
AVDD
LI-A
LG-A
LOSW-A
LI-B
LG-B
LO-B
AVDD
SDIO
SCLK
CSB
AVDD
AVDD
LI-C
LG-C
LO-C
AVDD
AVDD
LI-D
LG-D
AVDD
AVDD
LO-A
LOSW-B
LOSW-C
Figure 4. 100-Lead TQFP
Table 6. Pin Function Descriptions
Pin No.
Name
Description
0
GND
Ground (Exposed paddle should be tied to a quiet analog ground)
3, 4, 9, 10, 15,
16, 21, 22, 25,
50, 54, 55, 60,
61, 66, 67, 72,
73,92
AVDD
1.8 V Analog Supply
26, 47
DRVDD
1.8 V Digital Output Driver Supply
84
CWVDD
3.3 V Analog Supply
1
LI-E
LNA Analog Input for Channel E
2
LG-E
LNA Ground for Channel E
5
LO-F
LNA Analog Output for Channel F
6
LOSW-F
LNA Analog Output Complement for Channel F
7
LI-F
LNA Analog Input for Channel F
8
LG-F
LNA Ground for Channel F
11
LO-G
LNA Analog Output for Channel G
12
LOSW-G
LNA Analog Output Complement for Channel G
13
LI-G
LNA Analog Input for Channel G
14
LG-G
LNA Ground for Channel G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com