Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 17 of 58
TYPICAL PERFORMANCE CHARACTERISTICS
(fSAMPLE = 50 MSPS, AIN = 5 MHz, LPF = 1/3 × fSAMPLE, LNA gain = 6×)
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vgain (V)
85C
25C
-40C
Figure 17. Absolute Gain Error vs. VGAIN at Three Temperatures
Figure 18. Gain Error Histogram
Figure 19. Gain Match Histogram for VGAIN = 0.2 V and 0.7 V
0
200000
400000
600000
800000
1000000
1200000
1400000
1600000
1800000
2000000
-5
-4
-3
-2
-1
0
12345
Codes
Figure 20. Output-Referred Noise Histogram with Gain Pin at 0.0V, AD9271-
50
0
200000
400000
600000
800000
1000000
1200000
-5
-4
-3
-2
-1
012345
Codes
Figure 21. Output-Referred Noise Histogram with Gain Pin at 1.0V, AD9271-
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
Frequency (MHz)
LNA Gain = 5x
LNA Gain = 6x
LNA Gain = 8x
Figure 22. Short-Circuit, Input-Referred Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com