Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices AD9271 Datasheet HTML 35Page - Analog Devices AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 33 of 58
When using the serial port interface (SPI), the DCO phase can
be adjusted in 60° increments relative to the data edge. This
enables the user to refine system timing margins if required.
The default DCO timing, as shown in Figure 2, is 90° relative to
the output data edge.
An 8-, 10-, and 14-bit serial stream can also be initiated from
the SPI. This allows the user to implement different serial streams
and test the device’s compatibility with lower and higher resolution
systems. When changing the resolution to an 8- or 10-bit serial
stream, the data stream is shortened. When using the 14-bit
option, the data stream stuffs two 0s at the end of the normal
14-bit serial data.
When using the SPI, all of the data outputs can also be inverted
from their nominal state. This is not to be confused with
inverting the serial stream to an LSB-first mode. In default
mode, as shown in Figure 2, the MSB is represented first in the
data output serial stream. However, this can be inverted so that
the LSB is represented first in the data output serial stream (see
Figure 3).
There are 12 digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing. Refer to Table 12 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various
ways, depending on the test pattern chosen. It should be noted
that some patterns may not adhere to the data format select
option. In addition, customer user patterns can be assigned in
the 0x19, 0x1A, 0x1B, and 0x1C register addresses. All test mode
options, except PN Sequence Short and PN Sequence Long can
support 8- to 14-bit word lengths in order to verify data capture
to the receiver.
The PN Sequence Short pattern produces a pseudorandom bit
sequence that repeats itself every 29 – 1 or 511 bits. A
description of the PN sequence and how it is generated can be
found in section 5.1 of the ITU-T 0.150 (05/96) standard. For
the AD9271, the only discrepancy from the ITU standard is that
the starting value is a specific value instead of all ones. See
Table 10 for initial values.
The PN Sequence Long pattern produces a pseudorandom bit
sequence that repeats itself every 223 – 1 or 8,388,607 bits. A
description of the PN sequence and how it is generated can be
found in section 5.6 of the ITU-T 0.150 (05/96) standard. The
only two discrepancies between the ITU standard and the
AD9271 PN Sequence Long implementation are as follows.
First, the starting value is a specific value instead of all ones.
Second, the AD9271 inverts the bit stream with relation to the
ITU standard. See Table 10 for initial values.
Table 10. PN Sequence
Initial Value
First 3 output samples
(MSB 1st)
PN Sequence
Short
0x0df
0xdf9, 0x353, 0x301
PN Sequence
Long
0x29b80a
0x591, 0xfd7, 0a3
Consult the Memory Map section for information on how to
change these additional digital output timing features through the
serial port interface or SPI.
SDIO Pin
This pin is required to operate the SPI port interface. It has an
internal 30 kΩ pull-down resistor that pulls this pin low and is
only 1.8 V tolerant. If applications require that this pin be driven
from a 3.3 V logic level, insert a 1 kΩ resistor in series with this
pin to limit the current.
SCLK Pin
This pin is required to operate the SPI port interface. It has an
internal 30 kΩ pull-down resistor that pulls this pin low and is
both 1.8 V and 3.3 V tolerant.
CSB Pin
This pin is required to operate the SPI port interface. It has an
internal 70 kΩ pull-down resistor that pulls this pin low and is
both 1.8 V and 3.3 V tolerant.
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
(nominally equal to 10.0 kΩ) to ground at the RBIAS pin. The
resistor current is derived on-chip and sets the ADC’s AVDD
current to a nominal xxx mA at 50 MSPS. Therefore, it is
imperative that at least a 1% tolerance on this resistor be used to
achieve consistent performance.
Voltage Reference
A stable and accurate 0.5 V voltage reference is built into the
AD9271. This is gained up internally by a factor of 2, setting
VREF to 1.0 V, which results in a full-scale differential input span
of 2 V p-p for the ADC. The VREF is set internally by default;
however, the VREF pin can be driven externally with a 1.0 V
reference to achieve more accuracy.
When applying the decoupling capacitors to the VREF, REFT,
and REFB pins, use ceramic low ESR capacitors. These capacitors
should be close to reference pins and on the same layer of the
PCB as the AD9271. The recommended capacitor values and
configurations for the AD9271 reference pin can be found in
Figure 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com