Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices AD9271 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 31 of 58
Figure 54. LVDS Output Timing Example in ANSI Mode (Default)
An example of the LVDS output using the ANSI standard (default)
data eye and a time interval error (TIE) jitter histogram with
trace lengths of less than 24 inches on regular FR-4 material is
shown in Figure 55. Figure 56 shows an example of when the
trace lengths exceed 24 inches on regular FR-4 material. Notice
that the TIE jitter histogram reflects the decrease of the data eye
opening as the edge deviates from the ideal position; therefore,
the user must determine if the waveforms meet the timing budget
of the design when the trace lengths exceed 24 inches. Additional
SPI options allow the user to further increase the internal
termination (and therefore increase the current) of all eight
outputs in order to drive longer trace lengths (see Figure 57).
Even though this produces sharper rise and fall times on the
data edges, is less prone to bit errors, and improves frequency
distribution (see Figure 57), the power dissipation of the DRVDD
supply increases when this option is used.
In cases that require increased driver strength to the DCO and
FCO outputs because of load mismatch Register 15 allows the
user to double the drive strength. To do this, set the appropriate
bit in Register 5. Note that this feature cannot be used with Bit 4
and Bit 5 in Register 15 because these bits take precedence over
this feature. See the Memory Map section for more details.
Figure 55. Data Eye for LVDS Outputs in ANSI Mode with Trace Lengths of
Less than 24 Inches on Standard FR-4
Figure 56. Data Eye for LVDS Outputs in ANSI Mode with Trace Lengths of
Greater than 24 Inches on Standard FR-4
Figure 57. Data Eye for LVDS Outputs in ANSI Mode with 100 Ω Termination
on and Trace Lengths of Greater than 24 Inches on Standard FR-4
The format of the output data is offset binary by default. An
example of the output coding format can be found in Table 11.
If it is desired to change the output data format to twos
complement, see the Memory Map section.
Table 11. Digital Output Coding
Code
(VIN+) − (VIN−), Input
Span = 2 V p-p (V)
Digital Output Offset Binary
(D11 ... D0)
4095
+1.00
1111 1111 1111
2048
0.00
1000 0000 0000
2047
−0.000488
0111 1111 1111
0
−1.00
0000 0000 0000
Data from each ADC is serialized and provided on a separate
channel. The data rate for each serial stream is equal to 12 bits
times the sample clock rate, with a maximum of 600 Mbps
(12 bits × 50 MSPS = 600 Mbps). The lowest typical conversion
rate is 10 MSPS. However, if lower sample rates are required for
a specific application, the PLL can be set up for encode rates
lower than 10 MSPS via the SPI. This allows encode rates as low
as 5 MSPS. See the Memory Map section for details on enabling
this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com