Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices AD9271 Datasheet HTML 35Page - Analog Devices AD9271 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 32 of 58
Two output clocks are provided to assist in capturing data from
the AD9271. The DCO is used to clock the output data and is
equal to six times the sampling clock (CLK) rate. Data is
clocked out of the AD9271 and must be captured on the rising
and falling edges of the DCO that supports double data rate
(DDR) capturing. The frame clock out (FCO) is used to signal
the start of a new output byte and is equal to the sampling clock
rate. See the timing diagram shown in Figure 2 for more
information.
Table 12. Flex Output Test Modes
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject
to Data
Format
Select
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
1000 0000 (8 bits)
10 0000 0000 (10 bits)
1000 0000 0000 (12 bits)
10 0000 0000 0000 (14 bits)
Same
Yes
0010
+Full-scale short
1111 1111 (8 bits)
11 1111 1111 (10 bits)
1111 1111 1111 (12 bits)
11 1111 1111 1111 (14 bits)
Same
Yes
0011
−Full-scale short
0000 0000 (8 bits)
00 0000 0000 (10 bits)
0000 0000 0000 (12 bits)
00 0000 0000 0000 (14 bits)
Same
Yes
0100
Checkerboard
1010 1010 (8 bits)
10 1010 1010 (10 bits)
1010 1010 1010 (12 bits)
10 1010 1010 1010 (14 bits)
0101 0101 (8 bits)
01 0101 0101 (10 bits)
0101 0101 0101 (12 bits)
01 0101 0101 0101 (14 bits)
No
0101
PN sequence long1
N/A
N/A
Yes
0110
PN sequence short1
N/A
N/A
Yes
0111
One/zero word toggle
1111 1111 (8 bits)
11 1111 1111 (10 bits)
1111 1111 1111 (12 bits)
11 1111 1111 1111 (14 bits)
0000 0000 (8 bits)
00 0000 0000 (10 bits)
0000 0000 0000 (12 bits)
00 0000 0000 0000 (14 bits)
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
One/zero bit toggle
1010 1010 (8 bits)
10 1010 1010 (10 bits)
1010 1010 1010 (12 bits)
10 1010 1010 1010 (14 bits)
N/A
No
1010
1× sync
0000 1111 (8 bits)
00 0001 1111 (10 bits)
0000 0011 1111 (12 bits)
00 0000 0111 1111 (14 bits)
N/A
No
1011
One bit high
1000 0000 (8 bits)
10 0000 0000 (10 bits)
1000 0000 0000 (12 bits)
10 0000 0000 0000 (14 bits)
N/A
No
1100
Mixed frequency
1010 0011 (8 bits)
10 0110 0011 (10 bits)
1010 0011 0011 (12 bits)
10 1000 0110 0111 (14 bits)
N/A
No
1 All test mode options, except PN Sequence Short and PN Sequence Long, can support 8- to 14-bit word lengths in order to verify data capture to the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com